Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7367
Description  32 link, 32 Channel Data Link Manager with PCI Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7367 Datasheet HTML 1Page - PMC-Sierra, Inc PM7367 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
32 link, 32 Channel Data Link Manager with PCI Interface
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000358 (r2)
© Copyright PMC-Sierra, Inc.
2001. All rights reserved.
August 2001
TimePipe, COMET-QUAD,
FREEDM-32P32, TEMUX, and
PMC-Sierra are trademarks of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM7367 FREEDM-32P32
TYPICAL APPLICATIONS
HIGH DENSITY UNCHANNELIZED T1/E1/J1 INTERFACES
PM4354
COMET-
QUAD
33 MHz
PCI Bus
PM4354
COMET-
QUAD
4 T1/E1
x8
4 T1/E1
Packet
Memory
Processor
PM7367
FREEDM-
32P32
CHANNELIZED DS3 INTERFACE
DS3 LIU
33 MHz
PCI Bus
PM8315
TEMUX
Packet
Memory
Processor
PM7367
FREEDM-
32P32



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com