Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3000-9TO Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # AD3000-9TO
Description  APD with 7 mm짼 active area
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD3000-9TO Datasheet(HTML) 3 Page - Sensortechnics GmbH

  AD3000-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD3000-9TO Datasheet HTML 2Page - Sensortechnics GmbH AD3000-9TO Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD3000-9 TO
Part Description AD3000-9 TO
Order # 501198; # 500159
Order # 501198; # 500159
Version 20-06-11
Version 20-06-11
# 501198; Package: TO5i
# 500159; Package: TO5i
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
Fax:
+1-818-889-7053
E-Mail: sales.opto@first-sensor.com
USA:
Phone: +49-30-6399-2399
Phone: +1-818-706-3400
Fax:
+49-30-6399-23752
E-Mail: sales@pacific-sensor.com
Pacific Silicon Sensor, Inc.
Peter-Behrens-Strasse 15
5700 Corsa Avenue #105
12459 Berlin
Westlake Village
Germany
CA 91362 USA
First Sensor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com