Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL0845 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SL0845
Description  8 .0A Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SL0845 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SL0845 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SL0845 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
version: 01
1/2
SL0845
-55 to +150
-55 to +150
32
DC
Maximum Ratings and Electrical Characteristics @T =25
Forward Voltage Drop T =25
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
lastic material-UL flammability 94V-0
ase: TO-277B, molded plastic
· Excellent High Temperature Stability
P
@IF=8A
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
Mechanical Data
· Lead Free:For RoHS/Lead Free Version
℃ unless otherwise specified
MIL-STD-202,Method 208
· Terminals:Plated Leads Solderable per
· Mounting Position:Any
· Marking:Type Number
· Polarity:Cathode Band
Features
· Schottky Barrier Chip
· High Thermal Reliability
· Patented Super Barrier Rectifier Technology
· High Forward Surge Capability
· Ultra Fow Power Loss,High Efficiency
Unit
V
A
mA
℃
℃
℃/W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
℃
℃
0.3
15
0.45
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
8
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
VRRM
45
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
150
RMS Rectified Voltage
(Note2)
IO
IFSM
VFM
IR
RθJA
RθJL
TJ
TSTG
℃
.
C
.
.
A
A
A
A
SB0845L
80
15
0A Surface Mount Schottky Barrier Rectifiers
8.
8.
8.
8.
8.
SL0845
www.dyelec.com
dimensions in inches and (millimeters)
TO-277B


Similar Part No. - SL0845

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL0840002 AMETHERM-SL0840002 Datasheet
33Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL084R001 AMETHERM-SL084R001 Datasheet
29Kb / 1P
Circuit Protection Thermistors
SL084R003 AMETHERM-SL084R003 Datasheet
29Kb / 1P
Circuit Protection Thermistors
SL084R004 AMETHERM-SL084R004 Datasheet
29Kb / 1P
Circuit Protection Thermistors
More results

Similar Description - SL0845

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR0540L CHENDA-SR0540L Datasheet
5Mb / 2P
5 0A Surface Mount Schottky Barrier Rectifiers
SR1045L CHENDA-SR1045L Datasheet
3Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
SR1545L CHENDA-SR1545L Datasheet
5Mb / 2P
15 0A Surface Mount Schottky Barrier Rectifiers
SL0540 CHENDA-SL0540 Datasheet
5Mb / 2P
5 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL0540 DYELEC-SL0540 Datasheet
1Mb / 2P
5 0A Surface Mount Schottky Barrier Rectifiers
SL0540R DYELEC-SL0540R Datasheet
1Mb / 2P
5 0A Surface Mount Schottky Barrier Rectifiers
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
SR1045L DYELEC-SR1045L Datasheet
3Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SB20T100L BYTESONIC-SB20T100L Datasheet
810Kb / 2P
20 0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com