Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2722 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2722
Description  High Speed Synchronous/Asynchronous MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2722 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2722 Datasheet HTML 1Page - National Semiconductor (TI) LM2722 Datasheet HTML 2Page - National Semiconductor (TI) LM2722 Datasheet HTML 3Page - National Semiconductor (TI) LM2722 Datasheet HTML 4Page - National Semiconductor (TI) LM2722 Datasheet HTML 5Page - National Semiconductor (TI) LM2722 Datasheet HTML 6Page - National Semiconductor (TI) LM2722 Datasheet HTML 7Page - National Semiconductor (TI) LM2722 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Waveforms
Application Information
Minimum Pulse Width
In order for the shoot-through prevention circuitry in the
LM2722 to work properly, the pulses into the PWM_IN pin
must be longer than 55ns. The internal logic waits until the
first FET is off plus 20ns before turning on the opposite FET.
If, after a falling edge, a rising edge occurs sooner than the
specified time, t
off_min, the IC may intermittently fail to turn on
the top gate when the bottom gate is off. As the rising edge
occurs sooner and sooner, the driver may start to ignore the
pulse and produce no output. This condition results in the
PWM_IN pin in a high state and neither FET turned on. To
get out of this state, the PWM_IN pin must see a low signal
for greater than 55ns, before the rising edge.
This will also assure that the gate drive bias voltage has
been restored by forcing the top FET source and C
boot to
ground first. Then the internal circuitry is reset and normal
operation will resume.
Conversely, if, after a rising edge, a falling edge occurs
sooner than the specified miniumum pulse width, t
on_min, the
IC may intermittently fail to turn on the bottom FET. As the
falling edge occurs sooner and sooner, the driver will start to
ignore the pulse and produce no output. This will result in the
t
off inductor current taking a path through a diode provided
for non-synchronous operation. The circuit will resume syn-
chronous operation when the rising PWM pulses exceed
55ns in duration.
High Input Voltages or High Output Currents
At input voltages above twice the output voltage and at
higher power levels, the designer may find snubber networks
and gate drive limiting useful in reducing EMI and preventing
injurious transients. A small resistor, 1
Ω to 5Ω, between the
driver outputs and the MOSFET gates will slightly increase
the rise time and fall time of the output stage and reduce
switching noise. The trade-off is 1% to 2% in efficiency.
A series R-C snubber across in parallel with the bottom FET
can also be used to reduce ringing. Values of 10nF and 10
Ω
to 100
Ω are a good starting point.
20028913
FIGURE 1. Switching Waveforms of Test Circuit
20028914
FIGURE 2. When Input Goes High
20028915
FIGURE 3. When Input Goes Low
20028916
FIGURE 4. Minimum Positive Pulse
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com