Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22U Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SS22U
Description  Low Power Loss,High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS22U Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SS22U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS22U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
CJ
A
STG
J
JL
@T =100
@T =25
@T =90
RRM
0
RECTIFIER
5
0.05
0.1
200
60A
10
2.0
plastic SMA
SS22 U
T
SS
@IF=2.0A
60
2.0
SS22U THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
℃
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
℃
IR
mA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance (Note 2)
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
℃
Storage Temperature Range
-55 to +150
℃
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
140
105
70
56
150
100
80
80
60
35
40
40
20
30
50 60
14
21
28
42
20
30
50
100 150 200
0.90
0.82
0.50
0.67
AMP
·
Surge Overload Rating to
Peak
A
A
pF
Typical Thermal Resistance per leg
SS
SS
SS
SS
SS
SS
SS
SS
SS
SS
22U 23U 24U 245U 25U 26U 28U 210U 215U 220U 225U
250
175
250
45
45
31
0.92
5
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - SS22U

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SS22UH NIUHANG-SS22UH Datasheet
363Kb / 3P
SCHOTTKY RECTIFIERS
More results

Similar Description - SS22U

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
Low Power loss, High efficiency
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
Low power loss, high efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com