Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2M Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # U2M
Description  2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

U2M Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  U2M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. U2M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE(
(V)
INSTANTANEOUS FORWARD VOLTAGE
LEAD TEMPERATURE( C)
3.0
FIG.4TYPICAL JUNCTION CAPACITANCE
FIG.5TYPICAL REVERSE CHRACTERISTICS
FIG.2TYPICAL FORWARD CHARACTERISTICS
version:01
2of2
O
0
0
20
40
60
80
100
120
140
160
180
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
1.0
.1
.0 1
.0 01
0 .4
0 .6
0 . 8
1 .0
1. 2
111
...
468
T= 2 5 C
O
10
300-400V
50-200V
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
0.1
1
10
100
1.0
10
100
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
J
O
T= 100 C
J
O
T= 25 C
J
O
2.0
1.0
600V-1000V
(V)
A
U A
U M
THRU
2
2
www.dyelec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com