Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850 Datasheet(PDF) 1 Page - Sipex Corporation

Part # MPC850
Description  Connecting SP5301 to MPC850 PowerQUICC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

MPC850 Datasheet(HTML) 1 Page - Sipex Corporation

  MPC850 Datasheet HTML 1Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. 7/15/2004
© Copyright 2004 Sipex Corporation
APPLICATION NOTE
Processors in the Motorola MPC850 PowerQUICC™ family support one USB host port at a
12Mbit/sec data rate. They require an external USB transceiver, such as the SP5301, to
provide the analog interface to the Universal Serial Bus.
Motorola
MPC850
PowerQUICC
12Mbps
USB
Host
Controller
48MHz Ref. Clock
/OE
SUSPND
VM
VP
RCV
GND
VMO
SPEED
D-
D+
VPO
Vcc
SIPEX
SP5301
USBOE# (14)
USBRXM (10)
USBRXD (15)
USBRXP (11)
USBTXN (6)
USBTXP (7)
Vcc =
+3.3V
GND
D-
D+
V_BUS
V_BUS =
+5V
USB
Connector
Vcc =
+3.3V
Not shown:
0.1uF Bypass capacitor on Vcc
Float RERR and RSE0 (No Connect)
22
ohm
1.5K
RERR
RSE0
NC
NC
The USB controller on the MPC850 uses six signals. Additional signals such as SUSPEND and
SPEED can be driven using general purpose outputs if desired.
Signal
MPC
Dir
Signal
SP5301
Function
USBTXN
→
VMO
USBTXP
→
VPO
Data outputs from Host, Inputs to Transceiver,
Driven onto D- and D+
USBOE#
→
OE#
Output Enable, controls SP5301 transmit or receive
USBRXD
←
RCV
Differential Receive
USBRXP
←
VP
USBRXN
←
VM
Single Ended Receive. Gated version of D+ and D-. Used to
detect Single-ended Zero (EOF and Reset)
→
SUSP
Drive high to put SP5301 into low power state
→
SPEED
Drive low to adjust driver slew rate for Low Speed (1.5Mbps)
←
RERR
Outputs high if D+ and D- are 11 (illegal state).
Leave unconnected if not used
Optional
Signals
←
RSE0
Outputs high if D+ and D- are 00 (SE0).
Leave unconnected if not used
Connecting SP5301 to MPC850 PowerQUICC™


Similar Part No. - MPC850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC850 MOTOROLA-MPC850 Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850 NXP-MPC850 Datasheet
1Mb / 72P
PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC850 NXP-MPC850 Datasheet
3Mb / 242P
Design Specification
Rev 0.1
logo
Freescale Semiconductor...
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Motorola, Inc
MPC850DE MOTOROLA-MPC850DE Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
More results

Similar Description - MPC850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C233WP MOTOROLA-MCM69C233WP Datasheet
302Kb / 16P
MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E Datasheet
4Mb / 2P
PowerQUICC II??Pro
logo
fujitsu semiconductor
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
FOR CONNECTING PC BOARD TO PC BOARD
logo
Freescale Semiconductor...
MPC8569E FREESCALE-MPC8569E Datasheet
2Mb / 127P
MPC8569E PowerQUICC III
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
SICK AG
DOL-0803-W02MCS02 SICK-DOL-0803-W02MCS02 Datasheet
279Kb / 4P
Connecting cables
DOL-0804-G10MCS01 SICK-DOL-0804-G10MCS01 Datasheet
284Kb / 4P
Connecting cables
logo
Schurter Inc.
CONNECTINGTERMINALPSE SCHURTER-CONNECTINGTERMINALPSE_V02 Datasheet
178Kb / 2P
Connecting Terminal
04.01.2022
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com