Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB60R199CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB60R199CP
Description  CoolMOS짰 Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB60R199CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB60R199CP_11 Datasheet HTML 1Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 2Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 3Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 4Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 5Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 6Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 7Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 8Page - Infineon Technologies AG IPB60R199CP_11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPB60R199CP
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D=f(V DS); T j=150 °C
R DS(on)=f(I D); T j=150 °C
parameter: V GS
parameter: V GS
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R DS(on)=f(T j); I D=9.9 A; V GS=10 V
I D=f(V GS); |V DS|>2|I D|R DS(on)max
parameter: T j
typ
98 %
0
0.1
0.2
0.3
0.4
0.5
0.6
-60
-20
20
60
100
140
180
T j [°C]
C °25
C °150
0
20
40
60
80
024
68
10
V GS [V]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
5
10
15
20
25
30
35
0
5
10
15
20
V DS [V]
5 V
5.5 V
6 V
6.5 V
7 V
10 V
0
0.2
0.4
0.6
0.8
1
1.2
0
10203040
I D [A]
Rev. 2.
2
page 5
20
11-12-20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com