Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9501 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 4Page - NXP Semiconductors PCA9501 Datasheet HTML 5Page - NXP Semiconductors PCA9501 Datasheet HTML 6Page - NXP Semiconductors PCA9501 Datasheet HTML 7Page - NXP Semiconductors PCA9501 Datasheet HTML 8Page - NXP Semiconductors PCA9501 Datasheet HTML 9Page - NXP Semiconductors PCA9501 Datasheet HTML 10Page - NXP Semiconductors PCA9501 Datasheet HTML 11Page - NXP Semiconductors PCA9501 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2003 Sep 12
8
Interrupt (see Figs 9 and 12)
The PCA9501 provides an open drain output (INT) which can be fed
to a corresponding input of the microcontroller. This gives these
chips a type of master function which can initiate an action
elsewhere in the system.
An interrupt is generated by any rising or falling edge of the port
inputs in the input mode. After time tiv the signal INT is valid.
Resetting and reactivating the interrupt circuit is achieved when data
on the port is changed to the original setting or data is read from or
written to the port which has generated the interrupt.
Resetting occurs as follows:
• In the READ mode at the acknowledge bit after the rising edge of
the SCL signal
• In the WRITE mode at the acknowledge bit after the
HIGH-to-LOW transition of the SCL signal
• Returning of the port data to its original setting.
• Interrupts which occur during the acknowledge clock pulse may
be lost (or very short) due to the resetting of the interrupt during
this pulse.
Each change of the I/Os after resetting will be detected and, after
the next rising clock edge, will be transmitted as INT. Reading from
or writing to another device does not affect the interrupt circuit.
SW00790
PCA9501
(1)
INT
PCA9501
(2)
INT
PCA9501
(16)
INT
MICROCONTROLLER
INT
VDD
Figure 9. Application of multiple PCA9501s with interrupt
S
0
A5
A4
A3
A2
A1
A0
1
A
1
1
SDA
SCL
12
3
4
5
678
t ir
SW00791
ACKNOWLEDGE
FROM SLAVE
R/W
START CONDITION
STOP CONDITION
SLAVE ADDRESS (I/O EXPANDER)
DATA FROM PORT
DATA INTO I/O5
INT
P
I/O5
t iv
Figure 10. Interrupt generated by a change of input to I/O5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com