Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC55 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC55
Description  Precision Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC55 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC55 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC55 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC55 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Performance Data
CECC 40101-004 CECC 40101-804 *ACTUAL PERFORMANCE
REQUIREMENTS REQUIREMENTS MAXIMUM
TYPICAL
Load at commercial rating: 1000 hours at 70°C
∆R%
0.3
0.1
Load at CECC rating: 1000 hours at 70°C
∆R%
0.5
0.5
0.3
0.05
Dry heat: 1000 hours at 155°C
∆R%
0.5
0.5
**1.0
0.15
Shelf life: 12 months at room temperature
∆R%
Not specified
Not specified
0.1
0.03
Derating from rated power at 70°C
Zero at 155°C
50% at 125°C
Short term overload
∆R%
0.1
0.1
0.1
0.02
Climatic
∆R%
0.5
0.5
0.3
0.1
Climatic category
55/155/56
55/125/56
55/155/56
Long term damp heat
∆R%
0.5
0.5
0.5
0.1
Temperature rapid change
∆R%
0.1
0.1
**0.2
0.05
Resistance to solder heat
∆R%
0.1
0.1
0.06
0.03
Vibration and bump
∆R%
0.1
0.1
0.06
0.02
Noise (in a decade of frequency)
µV/V
Not specified
Not specified
1.0
0.1
Voltage coefficient of resistance
ppm/V
Not specified
Not specified
<1
Note: *An 0.01 ohm addition to be added to the performance claims of all resistors <10R.
** All products within the specified approved range meet CECC requirements.
Precision Metal
Film Resistors
RC SERIES
© Welwyn Components Limited
Bedlington, Northumberland NE22 7AA, England Tel: 01670 822181 Fax: 01670 829465 Web: http://www.Welwyn-TT.co.uk
Issue A 07/99
CONSTRUCTION
A metal film is deposited onto a high quality ceramic
former. Nickel-plated steel caps are force fitted to the
former and termination wires are welded to the caps.
The resistor is adjusted to value by a helical cut in
the film and the body is protected with a specially
formulated epoxy coating.
TERMINATIONS
Material
Solder coated copper wire
Strength
The terminations meet the
requirements of IEC 68.2.21.
Solderability
The terminations meet the
requirements of IEC 115-1,
Clause 4.17.3.2.
MARKING
Type reference, TCR code, resistance value and
tolerance code.
The resistance values conform to IEC 62.
SOLVENT RESISTANCE
The body protection and marking are resistant to all
normal industrial cleaning solvents suitable for
printed circuits.
Physical Data
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt. nom
RC55
7.2
2.5
30
0.6
10.2
0.6
0.24
RC65
10.0
3.7
30
0.6
12.7
0.6
0.40
RC70
15.5
5.5
30
0.8
18.4
1.2
1.15
L
D
f
d
174



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com