Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2727 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2727
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2727 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2727 Datasheet HTML 1Page - National Semiconductor (TI) LM2727 Datasheet HTML 2Page - National Semiconductor (TI) LM2727 Datasheet HTML 3Page - National Semiconductor (TI) LM2727 Datasheet HTML 4Page - National Semiconductor (TI) LM2727 Datasheet HTML 5Page - National Semiconductor (TI) LM2727 Datasheet HTML 6Page - National Semiconductor (TI) LM2727 Datasheet HTML 7Page - National Semiconductor (TI) LM2727 Datasheet HTML 8Page - National Semiconductor (TI) LM2727 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Connection Diagram
20049411
14-Lead Plastic TSSOP
θ
JA = 155˚C/W
NS Package Number MTC14
Pin Description
BOOT (Pin 1) - Supply rail for the N-channel MOSFET gate
drive. The voltage should be at least one gate threshold
above the regulator input voltage to properly turn on the
high-side N-FET.
LG (Pin 2) - Gate drive for the low-side N-channel MOSFET.
This signal is interlocked with HG to avoid shoot-through
problems.
PGND (Pins 3, 13) - Ground for FET drive circuitry. It should
be connected to system ground.
SGND (Pin 4) - Ground for signal level circuitry. It should be
connected to system ground.
V
CC (Pin 5) - Supply rail for the controller.
PWGD (Pin 6) - Power Good. This is an open drain output.
The pin is pulled low when the chip is in UVP, OVP, or UVLO
mode. During normal operation, this pin is connected to V
CC
or other voltage source through a pull-up resistor.
ISEN (Pin 7) - Current limit threshold setting. This sources a
fixed 50µA current. A resistor of appropriate value should be
connected between this pin and the drain of the low-side
FET.
EAO (Pin 8) - Output of the error amplifier. The voltage level
on this pin is compared with an internally generated ramp
signal to determine the duty cycle. This pin is necessary for
compensating the control loop.
SS (Pin 9) - Soft start pin. A capacitor connected between
this pin and ground sets the speed at which the output
voltage ramps up. Larger capacitor value results in slower
output voltage ramp but also lower inrush current.
FB (Pin 10) - This is the inverting input of the error amplifier,
which is used for sensing the output voltage and compen-
sating the control loop.
FREQ (Pin 11) - The switching frequency is set by connect-
ing a resistor between this pin and ground.
SD (Pin 12) - IC Logic Shutdown. When this pin is pulled low
the chip turns off the high side switch and turns on the low
side switch. While this pin is low, the IC will not start up. An
internal 20µA pull-up connects this pin to V
CC.
HG (Pin 14) - Gate drive for the high-side N-channel MOS-
FET. This signal is interlocked with LG to avoid shoot-
through problems.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com