Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S812C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S812C
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S812C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S812C Datasheet HTML 9Page - Seiko Instruments Inc S812C Datasheet HTML 10Page - Seiko Instruments Inc S812C Datasheet HTML 11Page - Seiko Instruments Inc S812C Datasheet HTML 12Page - Seiko Instruments Inc S812C Datasheet HTML 13Page - Seiko Instruments Inc S812C Datasheet HTML 14Page - Seiko Instruments Inc S812C Datasheet HTML 15Page - Seiko Instruments Inc S812C Datasheet HTML 16Page - Seiko Instruments Inc S812C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
13
(3) Output Voltage vs Input Voltage
1.90
1.95
2.00
2.05
2.10
1.522.5
33.5
4
VIN (V)
IOUT =-1
µA
-1m A
-10m A
S-812C20B
-20m A
-50m A
2.85
2.90
2.95
3.00
3.05
3.10
3.15
2.5
3
3.5
4
4.5
5
VIN (V)
-1m A
-10m A
S-812C30B
-20m A
-50m A
IOUT =-1
µA
4.75
4.85
4.95
5.05
5.15
5.25
4.555.5
66.5
7
VIN (V)
IOUT =-1
µA
-1m A
-10m A
S-812C50B
-20m A
-50m A
(4) Dropout Voltage vs Output Current
0
500
1000
1500
2000
0
1020304050
IOUT (mA)
Ta= -40°C
S-812C20B
25°C
85°C
0
200
400
600
800
1000
1200
1400
1600
0
10203040
50
IOUT (mA)
Ta= -40°C
S-812C30B
25°C
85°C
0
100
200
300
400
500
600
700
800
900
1000
0
1020
304050
IOUT (mA)
Ta= -40°C
S-812C50B
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com