Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP742C Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # KSP742C
Description  High voltage, high speed power switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSP742C Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  KSP742C Datasheet HTML 1Page - SemiHow Co.,Ltd. KSP742C Datasheet HTML 2Page - SemiHow Co.,Ltd. KSP742C Datasheet HTML 3Page - SemiHow Co.,Ltd. KSP742C Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2
3
KSP742C
NPN Silicon Power Transistor, VCBO= 1050V, VCEO= 500V, IC= 4A
General Description
• High voltage, high speed power switching
• Suitable for switching regulator, inverters, motor controls
Features
• VCBO = 1050V
• VCEO = 500V
• VBEO = 15V
• IC = 4A
Ordering Information
Ordering number
Package
Pin Assignment
Packing
123
KSP742C
TO-220
B
C
E
Tube
TO-220


Similar Part No. - KSP742C

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSP741 SEMIHOW-KSP741 Datasheet
125Kb / 5P
Suitable for switching regulator
More results

Similar Description - KSP742C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2614 ETC-2SC2614 Datasheet
41Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
2SC2616 ETC-2SC2616 Datasheet
38Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
logo
Hitachi Semiconductor
2SC2928 HITACHI-2SC2928 Datasheet
42Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC5305 UTC-2SC5305 Datasheet
159Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
HIGH VOLTAGE HIGH SPEED SWITCHING
2SC5305 UTC-2SC5305_2 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
SemiHow Co.,Ltd.
KSB13005AR SEMIHOW-KSB13005AR Datasheet
490Kb / 6P
High voltage, high speed power switching
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_15 Datasheet
164Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
MJE13011 UTC-MJE13011_15 Datasheet
110Kb / 4P
HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com