Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM2F75G12FS Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # SDM2F75G12FS
Description  Ultra-Fast Soft Recovery Diode Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SDM2F75G12FS Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  SDM2F75G12FS Datasheet HTML 1Page - SemiHow Co.,Ltd. SDM2F75G12FS Datasheet HTML 2Page - SemiHow Co.,Ltd. SDM2F75G12FS Datasheet HTML 3Page - SemiHow Co.,Ltd. SDM2F75G12FS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◎ SEMIHOW REV.A2,July 2015
Electrical Characteristics T
C=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
R
Cathode Anode Breakdown
Voltage
I
R = 100uA
1200
--
--
V
I
R
Repetitive Peak Reverse
Current
V
R = 1200V, TC = 100℃
--
--
3
mA
V
FM
Maximum Forward Voltage
I
F = 75A
T
C = 25℃
--
2.9
3.3
V
T
C = 100℃
--
2.2
2.4
t
rr
Reverse Recovery Time
V
R = 30V,
I
F = 1A,
di/dt = -100A/
μs
T
C = 25℃
--
40
55
ns
t
rr
Reverse Recovery Time
V
R = 600V,
I
F = 75A,
di/dt = -100A/
μs
T
C = 25℃
--
50
70
ns
T
C = 100℃
--
160
--
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJC
Junction-to-Case
DC Current
--
--
0.65
℃/W
-
Torque
Mounting Torque
1.45
N·m
-
Torque
Terminal Torque
1.45
N·m
L x W x H Dimensions
Typical, see outline drawing
50 x 30 x 17
mm
m
Mass
--
30
--
g
Thermal Mechanical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com