Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DYA3400GD Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # DYA3400GD
Description  N-Channel High Density Trench MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DYA3400GD Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  DYA3400GD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DYA3400GD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DYA3400GD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DYA3400GD Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
Parameter
Symbol
Condition
Min Typ
c
Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V , ID = 250uA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS = 24V , VGS = 0V
1
uA
Gate-Body Leakage
IGSS
VGS = ±12V , VDS = 0V
±100
nA
b
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID = 250uA
0.7
0.9
1.4
V
Drain-Source On-State Resistance
RDS(on)
VGS = 10V , ID = 5.8A
25
27
Ω
VGS = 4.5V , ID = 5.0A
29
32
VGS = 2.5V , ID = 4.0A
42
52
Forward Transconductance
gfs
VDS = 5V , ID = 5A
10
S
DRAIN-SOURCE DIODE CHARACTERISTICS
b
Diode Forward Voltage
VSD
VGS = 0V , IS = 1.0A
1.2
V
c
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 15V , VGS = 0V
f = 1.0MHz
551
pF
Output Capacitance
COSS
54
pF
Reverse Transfer Capacitance
CRSS
46
pF
SWITCHING CHARACTERISTICS
c
Turn-On Delay Time
tD(ON)
VDD = 15V , ID = 1A
VGEN = 10V
RL = 15 Ω
RGEN = 6 Ω
6.5
ns
Rise Time
tr
2
ns
Turn-Off Delay Time
tD(OFF)
28.6
ns
Fall Time
tf
2.6
ns
Total Gate Charge
Qg
VDS = 15V
ID = 3A
VGS = 10V
13.2
nC
Gate-Source Charge
Qgs
2.2
nC
Gate-Drain Charge
Qgd
1.7
nC
Note
b. Pulse Test
Pulse width ≤ 300us , Duty Cycle ≤ 2% .
c. Guaranteed by design , not subject to production testing .
N-Channel High Density Trench MOSFET
2of4
www.dyelec.com
version:01
DYA 3400GD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com