Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2750 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2750
Description  Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2750 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2750 Datasheet HTML 7Page - National Semiconductor (TI) LM2750 Datasheet HTML 8Page - National Semiconductor (TI) LM2750 Datasheet HTML 9Page - National Semiconductor (TI) LM2750 Datasheet HTML 10Page - National Semiconductor (TI) LM2750 Datasheet HTML 11Page - National Semiconductor (TI) LM2750 Datasheet HTML 12Page - National Semiconductor (TI) LM2750 Datasheet HTML 13Page - National Semiconductor (TI) LM2750 Datasheet HTML 14Page - National Semiconductor (TI) LM2750 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LM2750 LED Drive Application
The LM2750 is an excellent part for driving white and blue
LEDs for display backlighting and other general-purpose
lighting functions. The circuits of Figure 5 and Figure 6 show
LED driver circuits for the LM2750-5.0 and the LM2750-ADJ,
respectively. Simply placing a resistor (R) in series with each
LED sets the current through the LEDs:
I
LED =(VOUT -VLED)/R
In the equation above, I
LED is the current that flows through
a particular LED, and V
LED is the forward voltage of the LED
at the given current. As can be seen in the equation above,
LED current will vary with changes in LED forward voltage
(V
LED). Mismatch of LED currents will result in brightness
mismatch from one LED to the next.
The feedback pin of the LM2750-ADJ can be utilized to help
better control brightness levels and negate the effects of
LED forward voltage variation. As shown in Figure 6, con-
necting the feedback pin to the primary LED-resistor junction
(LED1-R1) regulates the current through that LED. The volt-
age across the primary resistor (R1) is the feedback pin
voltage (1.23V typ.), and the current through the LED is the
current through that resistor. Current through all other LEDs
(LEDx) will not be regulated, however, and will vary with LED
forward voltage variations. When using the LM2750-ADJ in
current-mode, LED currents can be calculated with the
equations below:
I
LED1 = 1.23V / R1
I
LEDx = (1.23V + VLED1 -VLEDx)/Rx
The current-mode configuration does not improve brightness
matching from one LED to another in a single circuit, but will
keep currents similar from one circuit to the next. For ex-
ample: if there is forward voltage mismatch from LED1 to
LED2 on a single board, the current-mode LM2750-ADJ
solution provides no benefit. But if the forward voltage of
LED1 on one board is different than the forward voltage of
LED1 on another board, the currents through LED1 in both
phones will match. THis helps keep LED currents fairly
consistent from one product to the next, adn helps to offset
lot-to-lot variation of LED forward voltage characteristics.
20035124
FIGURE 5. LM2750-5.0 LED Drive Application Circuit
20035125
FIGURE 6. LM2750-ADJ LED Drive Application Circuit
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com