Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

185F28 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 185F28
Description  Low Voltage Chassis Mounted Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

185F28 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  185F28 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
185F28
Low Voltage Chassis Mounted Power Transformer
Secondary Connections - 185 Series Transformers
Primary Connections - 185 Series Transformers
1
5
2
6
12
11
8
7
PRI
SEC
115V
Primary Wiring for 115V
(Parallel Connection)
1
5
2
6
12
11
8
7
PRI
SEC
230V
Primary Wiring for 230V
(Series Connection)
1
5
2
6
12
11
8
7
PRI
SEC
Parallel
Secondary Wiring
(Parallel Connection)
1
5
2
6
12
11
8
7
PRI
SEC
Series
Secondary Wiring
(Series Connection)
Overall Dimensions - in. (mm)
Width
2.81 ( 71.4)
Depth
3.07 (78)
Height
3.37 (85.6)
Weight
4 lbs./ 1.8 kg.
Hole to Hole Mounting Dims. - in. (mm)
Width
2.25 (57.2)
Depth
2.5 (63.5)
Terminal Lug Data- in. (mm)
Width
0.25 (6.4)
Thickness
0.03 (0.8)
Electrical
Size (VA)
130
Primary
115/ 230 VAC
Sec (Series) 28V C.T. @4.6A
Sec (Parallel) 14V@9.2A
12
11
8
7
Key Features:
• Universal operation on 50/60Hz, 115/ 230V dual primary for
worldwide use.
• Dual bobbin construction
• Dual use terminals (solder lug or quick connect)
• Dual secondaries for series or parallel connections
• 4,000V RMS Hipot tested
• Class F Insulation - 155 degrees C.
• Agency listings: cURus, CE, and TUV.
www.hammondmfg.com


Similar Part No. - 185F28

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
185F20 HAMMOND-185F20 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F230 HAMMOND-185F230 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F24 HAMMOND-185F24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
More results

Similar Description - 185F28

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
185D230 HAMMOND-185D230 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185D24 HAMMOND-185D24 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C16 HAMMOND-185C16 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C12 HAMMOND-185C12 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185G10 HAMMOND-185G10 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F24 HAMMOND-185F24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F20 HAMMOND-185F20 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F16 HAMMOND-185F16 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185E28 HAMMOND-185E28 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185E24 HAMMOND-185E24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com