Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831724 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 831724 Datasheet HTML 11Page - Integrated Device Technology 831724 Datasheet HTML 12Page - Integrated Device Technology 831724 Datasheet HTML 13Page - Integrated Device Technology 831724 Datasheet HTML 14Page - Integrated Device Technology 831724 Datasheet HTML 15Page - Integrated Device Technology 831724 Datasheet HTML 16Page - Integrated Device Technology 831724 Datasheet HTML 17Page - Integrated Device Technology 831724 Datasheet HTML 18Page - Integrated Device Technology 831724 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, HCSL, and other differential
signals. Both differential inputs must meet the VPP and VCMR input
requirements. Figures 2A to 2D show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 2A, the input termination
applies for IDT LVPECL drivers. If you are using an LVPECL driver
from another vendor, use their termination recommendation.
Figure 2A. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2C. CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 2B. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2D. CLK/nCLK Input
Driven by a 3.3V HCSL Driver
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com