Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724AKILFT Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 831724AKILFT
Description  Differential Clock/Data Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831724AKILFT Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 831724AKILFT Datasheet HTML 14Page - Integrated Device Technology 831724AKILFT Datasheet HTML 15Page - Integrated Device Technology 831724AKILFT Datasheet HTML 16Page - Integrated Device Technology 831724AKILFT Datasheet HTML 17Page - Integrated Device Technology 831724AKILFT Datasheet HTML 18Page - Integrated Device Technology 831724AKILFT Datasheet HTML 19Page - Integrated Device Technology 831724AKILFT Datasheet HTML 20Page - Integrated Device Technology 831724AKILFT Datasheet HTML 21Page - Integrated Device Technology 831724AKILFT Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Package Outline and Package Dimensions
Package Outline - K Suffix for 32 Lead VFQFN
Table 8. Package Dimensions
Reference Document: JEDEC Publication 95, MO-220
The package mechanical drawing shown is a generic drawing that
applies to any pin count VFQFN package. This drawing is not
intended to convey the actual pin count or pin layout of this device.
The pin count and pin-out are shown on the front page. The package
dimensions are in Table 8.
To p View
Ind exArea
D
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
Anvil
Singula tion
A
0. 08
C
C
A3
A1
S eating Plan e
E2
E2
2
L
(N
-1)x e
(R ef.)
(Ref.)
N & N
Even
N
e
D2
2
D2
(Ref.)
N & N
Odd
1
2
e
2
(Ty p.)
If N & N
are Even
(N -1)x e
(Re f.)
b
Th er mal
Ba se
N
OR
Anvil
Singulation
N-1
N
CHAMFER
1
2
N-1
1
2
N
RADIUS
4
4
Bottom View w/Type C ID
Bottom View w/Type A ID
There are 2 methods of indicating pin 1 corner at the back of the VFQFN package:
1. Type A: Chamfer on the paddle (near pin 1)
2. Type C: Mouse bite on the paddle (near pin 1)
JEDEC Variation: VHHD-2/-4
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
32
A
0.80
1.00
A1
00.05
A3
0.25 Ref.
b
0.18
0.25
0.30
ND & NE
8
D & E
5.00 Basic
D2 & E2
3.0
3.3
e
0.50 Basic
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com