Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWN-R-50 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KWN-R-50
Description  250V KWN-R and 600V KWS-R Class RK1 fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KWN-R-50 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KWN-R-50 Datasheet HTML 1Page - Cooper Bussmann, Inc. KWN-R-50 Datasheet HTML 2Page - Cooper Bussmann, Inc. KWN-R-50 Datasheet HTML 3Page - Cooper Bussmann, Inc. KWN-R-50 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 10413
Effective August 2015
250V KWN-R and 600V KWS-R Class RK1 fuses
Eaton.com/bussmannseries
Features:
High DC voltage ratings for critical industrial or commercial
applications that have specific current limitation requirements.
10X better current limitation than basic circuit breakers and non-
current limiting fuses helps prevent damage caused by short-
circuit events
200kA AC Interrupting ratings comply with NEC® Section 110.9
for today’s large capacity systems
20kA DC interrupting ratings help meet the needs of protecting
higher ampacity DC circuits
Incorporates Class R rejection feature. Installation in a rejection
base fuse block is recommended as it helps prevent a lesser-
rated fuse from being installed. However, both KWN-R and
KWS-R fuses can be inserted in non-rejection type fuse holders
to physically and electrically replace fast-acting Class H, RK1, K5,
RK5 and other fast-acting fuses.
Recommended fuse blocks:
Fuse amps
1-pole
2-pole
3-pole
250V KWN-R
0-30
RM25030-1_
RM25030-2_
RM25030-3_
35-60
RM25060-1_
RM25060-2_
RM25060-3_
600V KWS-R
0-30
RM60030-1_
RM60030-2_
RM60030-3_
35-60
RM60060-1_
RM60060-2_
RM60060-3_
See data sheet No. 10289 for details.
Fuse reducers for Class R fuses:
Equipment
fuse clips
Desired fuse
(case) size
Catalog numbers (pairs)
250V
600V
60A
30A
NO.263-R
NO.663-R
100A
30A
NO.213-R
NO.216-R
60A
NO.216-R
NO.616-R
200A
60A
NO.226-R
NO.626-R
For additional information on Class R fuse reducers, see data sheet
No. 1118.
Dimensions - in:
250V KWN-R
600V KWS-R
1/10 to 30A
0.56" (± 0.008)
2"
(± 0.31)
35 to 60A
0.81" (± 0.008)
3"
(± 0.31)
1/10 to 30A
0.81" (± 0.008)
5"
(± 0.31)
35 to 60A
1.06" (± 0.008)
5.5"
(± 0.31)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com