Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD3.6G Datasheet(PDF) 2 Page - NEC

Part # NNCD3.6G
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD3.6G Datasheet(HTML) 2 Page - NEC

  NNCD3.6G Datasheet HTML 1Page - NEC NNCD3.6G Datasheet HTML 2Page - NEC NNCD3.6G Datasheet HTML 3Page - NEC NNCD3.6G Datasheet HTML 4Page - NEC NNCD3.6G Datasheet HTML 5Page - NEC NNCD3.6G Datasheet HTML 6Page - NEC NNCD3.6G Datasheet HTML 7Page - NEC NNCD3.6G Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NNCD3.3G to NNCD7.5G, NNCD27G
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C) (A-K1, A-K2, A-K3, A-K4)
Breakdown Voltage*
Dynamic**
Reverse
Capacitance
E.S.D Voltage
Impedance
Leakage
Parameter
VBR (V)
Zz (
Ω)
IR (
µA)
Ct (pF)
(KV)
MIN.
MAX.
IT (mA)
MAX.
IT (mA)
MAX.
VR (V)
TYP.
Test
MIN.
Test
Condition
Condition
NNCD3.3G
3.10
3.50
5
130
5
20
1.0
220
30
NNCD3.6G
3.40
3.80
5
130
5
10
1.0
210
30
NNCD3.9G
3.70
4.10
5
130
5
10
1.0
200
30
NNCD4.3G
4.01
4.48
5
130
5
10
1.0
180
30
NNCD4.7G
4.42
4.90
5
130
5
10
1.0
170
VR = 0 V
30
C = 150 pF
NNCD5.1G
4.84
5.37
5
130
5
5
1.5
160
30
R = 330
Ω
NNCD5.6G
5.31
5.92
5
80
5
5
2.5
140
f = 1 MHz
30
(IEC1000
NNCD6.2G
5.86
6.53
5
50
5
2
3.0
120
30
-4-2)
NNCD6.8G
6.47
7.14
5
30
5
2
3.5
110
30
NNCD7.5G
7.06
7.84
5
30
5
2
4.0
90
30
NNCD27G
25.10
28.90
2
70
2
2
21
25
30
*
Tested with pulse (40 ms)
**
Zz is measured at IT give a small A.C. signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com