Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD3.9G Datasheet(PDF) 3 Page - NEC

Part # NNCD3.9G
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD3.9G Datasheet(HTML) 3 Page - NEC

  NNCD3.9G Datasheet HTML 1Page - NEC NNCD3.9G Datasheet HTML 2Page - NEC NNCD3.9G Datasheet HTML 3Page - NEC NNCD3.9G Datasheet HTML 4Page - NEC NNCD3.9G Datasheet HTML 5Page - NEC NNCD3.9G Datasheet HTML 6Page - NEC NNCD3.9G Datasheet HTML 7Page - NEC NNCD3.9G Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NNCD3.3G to NNCD7.5G, NNCD27G
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
Fig. 1 P - TA RATING
250
200
150
100
50
0
25
50
75
100
125
150
TA - Ambient Temperature - ˚C
Fig. 2
It - VBR CHARACTERISTICS
(A-K1, A-K2, A-K3, A-K4)
Fig. 3 ZT - IT CHARACTERISTICS
1 000
100
10
0.1
100
IT - On state Current - A
110
100 m
10 m
1 m
1
100 n
10 n
µ
10
µ
100
µ
0
1 n
VBR - Breakdown Voltage - V
1
2
3
4567
8
9
10
NNCD6.8G
NNCD7.5G
NNCD3.3G
NNCD3.6G
NNCD3.9G
NNCD4.3G
NNCD4.7G
NNCD5.1G
NNCD5.6G
NNCD6.2G
NNCD3.9G
NNCD5.6G
NNCD7.5G
NNCD5.1G
NNCD4.7G
TYP.
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com