Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD62MF Datasheet(PDF) 2 Page - NEC

Part # NNCD62MF
Description  LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD62MF Datasheet(HTML) 2 Page - NEC

  NNCD62MF Datasheet HTML 1Page - NEC NNCD62MF Datasheet HTML 2Page - NEC NNCD62MF Datasheet HTML 3Page - NEC NNCD62MF Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D14147EJ2V0DS00
2
NNCD6.2MF
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C) (A-K1, A-K2)
Breakdown Voltage
Note 1
VBR (V)
Dynamic
Note 2
Impedance
ZZ (
Ω)
Reverse
Leakage
IR (
µA)
Capacitance
Ct (pF)
E.S.D Voltage
(kV)
Type No.
MIN.
MAX.
IT (mA)
MAX.
IT (mA)
MAX.
VR (V)
TYP.
TEST
CONDITION
MIN.
TEST
CONDITION
NNCD6.2MF
5.7
6.7
5
50
5
2
3.0
20
VR = 0 V
f = 1 MHz
30
C = 150 pF
R = 330
Ω
(IEC61000-4-2)
Note 1. Tested with pulse (40 ms)
2. ZZ is measured at IT give a small A.C. signal.
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
Fig. 1 POWER DISSIPATION vs.
AMBIENT TEMPERATURE
050
25
75
TA – Ambient Temperature –
°C
100
125
150
100
50
0
200
150
250
30
× 30 × 1.6
P.C.B. (Glass Epoxy)
Fig. 2 IT vs. VBR CHARACTERISTICS
6
57
VBR – Breakdown Voltage – V
8
10 m
1 m
100
10
100 m
µ
µ
NNCD6.2MF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com