Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD62Z Datasheet(PDF) 1 Page - NEC

Part # RD62Z
Description  ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD62Z Datasheet(HTML) 1 Page - NEC

  RD62Z Datasheet HTML 1Page - NEC RD62Z Datasheet HTML 2Page - NEC RD62Z Datasheet HTML 3Page - NEC RD62Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
ZENER DIODE
RD6.2Z
ZENER DIODE
200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
Document No. D14713EJ2V0DS00 (2nd edition)
(Previous No. DC-2139)
Date Published June 2000 N CP(K)
Printed in Japan
©
1993
DESCRIPTION
Type RD6.2Z is planar type zener diode possessing an allowable
power dissipation of 200 mW.
The purpose is ESD PROTECTION of 5 V Signal Line.
FEATURES
Low Terminal Capacitance (8 pF TYP.) for ESD protection
Surge absorber on either side
APPLICATIONS
ESD protect circuit of 5 V Signal Line.
Constant Voltage, Constant Current, etc.
MAXIMUM RATINGS (TA = 25
°°°°C)
Power Dissipation
P
200 mW (Total)
Surge Reverse Power
PRSM
2 W (t = 10
µs, 1 pulse) Fig.5
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55°C to +150°C
ELECTRICAL CHARACTERISTICS (TA = 25
±±±± 2°°°°C)
Zener Voltage
VZ (V)
Note 1
Dynamic Impedance
ZZ (
Ω)Note2
Reverse Current
IR (
µA)
Terminal Capacitance
Ct (pF), f = 1 MHz
Type
Number
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
TYP.
VR (V)
RD6.2Z
5.9
6.5
5
60
5
3
5.5
8
0
Note 1. Tested with pulse (40 ms)
2. ZZ is measured at IZ given a very small A.C. signal
PACKAGE DIMENSIONS
(Unit: mm)
2.8
±0.2
0.65
1.5
3
Marking
K2
2
K1
1
A
3
1.
2.
3.
Cathode : K1
Cathode : K2 SC-59 (EIAJ)
Anode
: A
2
1
+0.1
−0.15


Similar Part No. - RD62Z

ManufacturerPart #DatasheetDescription
logo
NEC
RD62E NEC-RD62E Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD62E NJSEMI-RD62E Datasheet
346Kb / 5P
500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD62EB NEC-RD62EB Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD62EB SEMTECH_ELEC-RD62EB Datasheet
477Kb / 8P
ZENER DIODES
logo
Semtech Corporation
RD62EB SEMTECH-RD62EB Datasheet
605Kb / 8P
ZENER DIODES
More results

Similar Description - RD62Z

ManufacturerPart #DatasheetDescription
logo
NEC
RD120S NEC-RD120S Datasheet
54Kb / 12P
ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
ZENER DIODES 200 mW 3-PIN MINI MOLD
RD47M NEC-RD47M Datasheet
67Kb / 8P
ZENER DIODES 200 mW 3-PIN MINI MOLD
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
1W POWER MINI MOLD ZENER DIODE
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
ZENER DIODES 200 mW 3-PIN MINI MOLD
logo
KODENSHI_AUK CORP.
SDZ5V6AWA KODENSHI-SDZ5V6AWA Datasheet
163Kb / 5P
ESD Protection Zener Diode
SDZ6V8AQ KODENSHI-SDZ6V8AQ Datasheet
171Kb / 5P
ESD Protection Zener Diode
logo
Union Semiconductor, In...
UESD6V85CT36 UNIONSEMI-UESD6V85CT36 Datasheet
307Kb / 6P
5 Line ESD Protection Diode Array
UESD6V85CT36 UNIONSEMI-UESD6V85CT36_14 Datasheet
204Kb / 6P
5 Line ESD Protection Diode Array
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384_V01 Datasheet
361Kb / 9P
ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection
September, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com