Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16005-2 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 16005-2
Description  Splicer blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

16005-2 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  16005-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. 16005-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. 16005-2 Datasheet HTML 3Page - Cooper Bussmann, Inc. 16005-2 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 10534
Effective June 2016
Splicer blocks
Eaton.com/bussmannseries
Catalog numbers:
Line/load port
configuration
No. of
poles
Current
rating
(A)
Lineside
Loadside
SCCR
(kA)
Catalog
number
Wire size
(Str/ferrule unless noted)*
Wires
per
port
Torque
N•m
(Lb-in)
Ports/
Pole
Wire size
(Str/ferrule unless noted)*
Wires
per
port
Torque
N•m
(Lb-in)
Ports/
pole
1, 2, 3
115
#2 - #3 Cu/Al (Str)
1
5.6 (50)
1
#2 - #3 Cu/Al (Str)
1
5.6 (50)
1
10
16200-_**
#4 - #6 Cu/Al (Str)
1
5.1 (45)
#4 - #6 Cu/Al (Str)
1
5.1 (45)
#8 Cu/Al (Str)
1
4.5 (40)
#8 Cu/Al (Str)
1
4.5 (40)
#10 - #14 Cu (Str)
1
4.0 (35)
#10 - #14 Cu (Str)
1
4.0 (35)
1, 2, 3
150
1/0 - #3 Cu (Str)
1
5.6 (50)
1
1/0 - #3 Cu (Str)
1
5.6 (50)
1
10
16201-_
#4 - #6 Cu (Str)
1
5.1 (45)
#4 - #6 Cu (Str)
1
5.1 (45)
#8 Cu (Str)
1
4.5 (40)
#8 Cu (Str)
1
4.5 (40)
#10 - #14 Cu (Str)
1
4.0 (35)
#10 - #14 Cu (Str)
1
4.0 (35)
2, 3, 4
175
2/0 - #1 Cu/Al (Str)
1
12.4 (110)
1
2/0 - #1 Cu/Al (Str)
1
12.4 (110)
1
10
16000-_**
#2 - #8 Cu/Al
1
#2 - #8 Cu/Al
1
#10 - #12 Al (Str)
1
4.0 (35)
#10 - #12 Al (Str)
1
4.0 (35)
#10 - #14 Cu
1
#10 - #14 Cu
1
#4 - #8 Cu/Al
2
13.6 (120)
#4 - #8 Cu/Al
2
13.6 (120)
#10 - #14 Cu
2
#10 - #14 Cu
2
1, 2, 3
175
2/0 - #1 Cu/Al (Str)
1
12.4 (110)
1
2/0 - #1 Cu/Al (Str)
1
12.4 (110)
1
200†
16204-_
#2 - #8 Cu/Al
1
#2 - #8 Cu/Al
1
#10 - #12 Al (Str)
1
4.0 (35)
#10 - #12 Al (Str)
1
4.0 (35)
#10 - #14 Cu
1
#10 - #14 Cu
1
#4 - #8 Cu/Al
2
13.6 (120)
#4 - #8 Cu/Al
2
13.6 (120)
#10 - #14 Cu
2
#10 - #14 Cu
2
2, 3, 4
255
250kcmil - #6 Cu
1
42.4 (375)
1
250kcmil - #6 Cu
1
42.4 (375)
1
10
16003-_**
1, 2, ,3 255
250kcmil - #6 Cu
1
42.4 (375)
1
250kcmil - #6 Cu
1
42.4 (375)
1
10
16301-_
2, 3, 4
310
350kcmil - 2/0 Cu/Al (Str)
1
31.1 (275)††
1
350kcmil - 2/0 Cu/Al (Str)
1
31.1 (275)††
1
10
16005-_**
1/0 Cu/Al (Str)
1-2
1/0 Cu/Al (Str)
1-2
#1 - #6 Cu/Al
1-2
#1 - #6 Cu/Al
1-2
1, 2, ,3 310
350kcmil - 2/0 Cu/Al (Str)
1
31.1 (275)††
1
350kcmil - 2/0 Cu/Al (Str)
1
31.1 (275)††
1
10
16303-_
1/0 Cu/Al (Str)
1-2
1/0 Cu/Al (Str)
1-2
#1 - #6 Cu/Al
1-2
#1 - #6 Cu/Al
1-2
1, 2, ,3 380
500kcmil - 4/0 Cu/Al (Str)
1
56.5 (500)
1
500kcmil - 4/0 Cu/Al (Str)
1
56.5 (500)
1
10
16306-_
3/0 - 1/0 Cu/Al (Str)
1-2
3/0 - 1/0 Cu/Al (Str)
1-2
#1 - #6 Cu/Al
1-2
#1 - #6 Cu/Al
1-2
1, 2, ,3 620
350kcmil - 2/0 Cu/Al (Str)
1
31.1 (275)††
2
350kcmil - 2/0 Cu/Al (Str)
1
31.1 (275)††
2
10
16500-_
1/0 Cu/Al (Str)
1-2
1/0 Cu/Al (Str)
1-2
#1 - #4 Cu/Al
1-2
#1 - #4 Cu/Al
1-2
#6 Cu/Al
2
#6 Cu/Al
2
1, 2, ,3 760
500kcmil - 4/0 Cu/Al (Str)
1
56.5 (500)
2
500kcmil - 4/0 Cu/Al (Str)
1
56.5 (500)
2
10
16504-_
3/0 - 1/0 Cu/Al (Str)
1-2
3/0 - 1/0 Cu/Al (Str)
1-2
#1 - #6 Cu/Al
1-2
#1 - #6 Cu/Al
1-2
* 75°C wire (higher temperature rated wire acceptable with appropriate derating). Using a ferrule on a stranded conductor requires a correctly sized UL Listed ferrule
(customer supplied) applied according to the manufacturer’s specifications. Ferrule ratings apply to copper wire only.
** Not covered by CSA certification.
† See table below for the tested upstream overcurrent protective devices necessary for achieving this SCCR.
††Torqueratingfordualwireandferruleapplicationis30.5N•m(270Lb-in).
Short-Circuit Current Rating (SCCR) data for block 16204-_:
Catalog
number
No. of
poles
Conductors (AWG)
Fuse class/Bussmann series symbol/ampacity
SCCR
Minimum enclosure
size
Lineside
Loadside
J
LPJ
RK1
LPN-RK (250 V),
LPS-RK (600 V)
RK5
FRN-R (250 V),
FRS-R (600 V)
T
JJN (300 V),
JJS (600 V)
16204-_
1, 2, 3
2/0 - #8
2/0 - #8
200
200
60
200
200 kA 16 x 16 x 6.75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com