Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC945 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2SC945
Description  SILICON EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2SC945 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2SC945 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 2SC945 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 2SC945 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
SILICON EPITAXIAL PLANAR TRANSISTOR
2SC945
High voltage and high current.
Excellent hFE linearity.
Low noise.
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
℃
·
Case: SOT-23, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams
·
Approx. Weight: 0.008 grams
Mechanical Data
Features
·
·
·
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Symbol
Parameter
Value
Units


Similar Part No. - 2SC945

ManufacturerPart #DatasheetDescription
logo
NEC
2SC945 NEC-2SC945 Datasheet
281Kb / 3P
NPN Silicon Transistor(AF amplifier and low speed switching)
logo
Micro Electronics
2SC945 MICRO-ELECTRONICS-2SC945 Datasheet
70Kb / 1P
NPN Silicon Planar Epitaxial Transistor
logo
Guangdong Kexin Industr...
2SC945 KEXIN-2SC945 Datasheet
151Kb / 2P
2SC945
logo
Dc Components
2SC945 DCCOM-2SC945 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SC945 UTC-2SC945 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results

Similar Description - 2SC945

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com