Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD60R385CP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPD60R385CP
Description  600V CoolMOS??CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R385CP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPD60R385CP_15 Datasheet HTML 3Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 4Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 5Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 6Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 7Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 8Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 9Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 10Page - Infineon Technologies AG IPD60R385CP_15 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
9?5-'@*/,4?
฀&C;฀2,>0฀.3,<20
฀:<A,</฀.3,<,.>0<4=>4.=฀:1฀<0@0<=0฀/4:/0
- @K6V"* WQcU฀( = ฀฀DH@F98
( ?6V"- K=#
D5E5A9G9E฀- ==
D5E5A9G9E฀, Z
฀@,7,9.30฀090<2C
฀<,49=:?<.0฀-<0,6/:A9฀@:7>,20
' 9K6V", Z฀( = ฀฀- ==฀2
- ;J"=KK#6V", Z฀( = ฀A
฀W
฀W
฀W ฀
฀W ฀
('
)
('
(
('
'
('
$(
'
'%,
(
(%,
)
(
A5฀*(+
฀2
฀2
'
(
)
*
+
,
-
.
/
0
('
'
,
('
(,
)'
%
NHZL฀*9+
,+'
,/'
-)'
--'
.''
$-'
$)'
)'
-'
(''
(+'
(/'
'
Q฀*F+
'
,'
(''
(,'
)''
),'
)'
-'
(''
(+'
(/'
'
Q฀*F+
.9I ฀ 
D5;9฀

2.4
2015-02-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com