Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDFMPVR Datasheet(PDF) 31 Page - STMicroelectronics

Part # LDFMPVR
Description  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFMPVR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LDFMPVR Datasheet HTML 27Page - STMicroelectronics LDFMPVR Datasheet HTML 28Page - STMicroelectronics LDFMPVR Datasheet HTML 29Page - STMicroelectronics LDFMPVR Datasheet HTML 30Page - STMicroelectronics LDFMPVR Datasheet HTML 31Page - STMicroelectronics LDFMPVR Datasheet HTML 32Page - STMicroelectronics LDFMPVR Datasheet HTML 33Page - STMicroelectronics LDFMPVR Datasheet HTML 34Page - STMicroelectronics LDFMPVR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LDFM
Package information
DocID023585 Rev 4
31/36
Table 13: DFN6 (3x3) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1
A1
0
0.02
0.05
A3
0.20
b
0.23
0.45
D
2.90
3
3.10
D2
2.23
2.50
E
2.90
3
3.10
E2
1.50
1.75
e
0.95
L
0.30
0.40
0.50
Figure 38: DFN6 (3x3) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com