Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7497 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7497
Description  10 10W STEREO AMPLIFIER WITH MUTE/ST-BY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7497 Datasheet HTML 1Page - STMicroelectronics TDA7497 Datasheet HTML 2Page - STMicroelectronics TDA7497 Datasheet HTML 3Page - STMicroelectronics TDA7497 Datasheet HTML 4Page - STMicroelectronics TDA7497 Datasheet HTML 5Page - STMicroelectronics TDA7497 Datasheet HTML 6Page - STMicroelectronics TDA7497 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS + 14V; RL =8
Ω;Rs =50Ω;
f = 1KHz; Tamb =25
°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
+5
+20
V
Iq
Total Quiescent Current
80
mA
PO
Output Power
d = 10%
d= 1%
10
7.5
W
W
d
Total Harmonic Distortion
PO =1W
PO = 0.1 to 5W f = 0.1 to 15KHz
0.02
0.5
%
%
CT
Cross Talk
f = 1KHz
f = 10KHz
70
60
dB
dB
SR
Slew Rate
10
V/
µs
GV
Closed Loop Voltage Gain
29
30
31
dB
∆GV
Voltage Gain Matching
0.2
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
2.5
3.5
8
µV
µV
Ri
Input Resistance
15
20
K
Ω
SVR
Supply Voltage Rejection
(each channel)
fr = 100Hz; Vripple = 0.5VRMS
60
dB
Tj
Thermal Shut-down
Junction Temperature
145
°C
MUTE FUNCTION [ref: +VS]
VTMUTE
Mute / Play Threshold
-7
-6
-5
V
AM
Mute Attenuation
60
90
dB
STAND-BY FUNCTION [ref: +VS]
VTST-BY
Stand-by / Mute Threshold
-3.5
-2.5
-1.5
V
AST-BY
Stand-by Attenuation
110
dB
Iq ST-BY
Quiescent Current @ Stand-by
3
mA
Note :
(*) FULL POWER up to.VS =
±22.5V with RL =8Ω and VS = ±16V with RL =4Ω
MUSIC POWER is the maximal power which the amplifier is capable of producing across the rated load resistance (regardless of non linearity)
1 sec after the application of a sinusoidal input signal of frequency 1KHz.
COMPONENTS
RECOMMENDED
VALUE
PURPOSE
LARGER THAN
RECOMMENDED VALUE
SMALLER THAN
RECOMMENDED VALUE
R1
10K
Ω
Mute Circuit
Increase of Dz
Biasing Current
R2
15K
Ω
Mute Circuit
Vpin # 4 Shifted Downward
Vpin # 4 Shifted Upward
R3
18K
Ω
Mute Circuit
Vpin # 4 Shifted Upward
Vpin # 4 Shifted Downward
R4
15K
Ω
Mute Circuit
Vpin # 4 Shifted Upward
Vpin # 4 Shifted Downward
R5, R6
4.7
Ω
Frequency Stability
Danger of Oscillations
Danger of Oscillations
C1, C2
1
µF
Input DC
Decoupling
Higher Low Frequency
Cutoff
C3
1
µF
St-By/Mute Time
Constant
Larger On/Off Time
Smaller On/Off Time
C4, C6
1000
µF
Supply Voltage
Bypass
Danger of Oscillations
C5, C7
0.1
µF
Supply Voltage
Bypass
Danger of Oscillations
C8, C9
0.1
µF
Frequency Stability
Dz
5.1V
Mute Circuit
APPLICATIONS SUGGESTION
(Demo Board Schematic)
The recommended values of the external compo-
nents are those shown on the demo board sche-
matic. Different values can be used: the following
table can help the designer.
TDA7497
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com