Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN025PU18R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDLN025PU18R
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025PU18R Datasheet(HTML) 1 Page - STMicroelectronics

  LDLN025PU18R Datasheet HTML 1Page - STMicroelectronics LDLN025PU18R Datasheet HTML 2Page - STMicroelectronics LDLN025PU18R Datasheet HTML 3Page - STMicroelectronics LDLN025PU18R Datasheet HTML 4Page - STMicroelectronics LDLN025PU18R Datasheet HTML 5Page - STMicroelectronics LDLN025PU18R Datasheet HTML 6Page - STMicroelectronics LDLN025PU18R Datasheet HTML 7Page - STMicroelectronics LDLN025PU18R Datasheet HTML 8Page - STMicroelectronics LDLN025PU18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2016
DocID029566 Rev 4
1/22
This is information on a product in full production.
www.st.com
LDLN025
250 mA ultra low noise LDO
Datasheet - production data
Features
Ultra low output noise: 6.5 μVRMS
Operating input voltage range: 1.5 V to 5.5 V
Output current up to 250 mA
Very low quiescent current: 12 μA at no-load
Controlled Iq in dropout condition
Very low-dropout voltage: 250 mV at
250 mA
Very high PSRR: 80 dB@100 Hz,
60 dB@100 kHz
Output voltage accuracy: 2% across line,
load and temperature
Output voltage versions: from 1 V to 5 V,
with 50 mV step
Logic-controlled electronic shutdown
Output discharge feature
Internal soft-start
Overcurrent and thermal protections
Temperature range: from -40 °C to +125 °C
Packages: Flip-Chip4, DFN4-1x1
Applications
Smartphones/tablets
Image sensors
Instrumentation
VCO and RF modules
Description
The LDLN025 is a 250 mA low-dropout voltage
regulator, able to work with an input voltage
range from 1.5 V to 5.5 V.
The typical dropout voltage at 250 mA load is
120 mV.
The very low quiescent current, which is just
12 μA at no-load, extends battery-life of
applications requiring very long standby time.
Thanks to its ultra low noise value and high
PSRR, the LDLN025 provides a very clean
output, suitable for ultra-sensitive loads. It is
stable with ceramic capacitors.
The enable logic control function puts the device
into shutdown mode allowing a total current
consumption low
er than 1 μA.
The device also includes short-circuit and thermal
protection.
Typical applications are noise sensitive loads
such as ADC, VCO in mobile phones and tablets,
wireless LAN devices. The LDLN025 is designed
to keep the quiescent current under control and
at a low value also during dropout operation,
extending the operating time of battery-powered
devices.
Several small package options are available.


Similar Part No. - LDLN025PU18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LDLN025PU18R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907_17 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
logo
Texas Instruments
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com