Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK220M36R Datasheet(PDF) 21 Page - STMicroelectronics

Part # LDK220M36R
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220M36R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LDK220M36R Datasheet HTML 17Page - STMicroelectronics LDK220M36R Datasheet HTML 18Page - STMicroelectronics LDK220M36R Datasheet HTML 19Page - STMicroelectronics LDK220M36R Datasheet HTML 20Page - STMicroelectronics LDK220M36R Datasheet HTML 21Page - STMicroelectronics LDK220M36R Datasheet HTML 22Page - STMicroelectronics LDK220M36R Datasheet HTML 23Page - STMicroelectronics LDK220M36R Datasheet HTML 24Page - STMicroelectronics LDK220M36R Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LDK220
Package information
DocID026015 Rev 4
21/28
7.4
SOT-89 packing information
Figure 36: SOT-89 carrier tape outline
Table 11: SOT-89 carrier tape mechanical data
Dim.
mm
Value
Tolerance
Ao
4.91
± 0.10
Bo
4.52
± 0.10
Ko
1.90
± 0.10
F
5.50
± 0.10
E
1.75
± 0.10
W
12
± 0.30
P2
2
± 0.10
Po
4
± 0.10
P1
8
± 0.10
T
0.30
± 0.10
D
Ø 1.55
± 0.05
D1
Ø 1.60
± 0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com