Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK220M40R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDK220M40R
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220M40R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDK220M40R Datasheet HTML 4Page - STMicroelectronics LDK220M40R Datasheet HTML 5Page - STMicroelectronics LDK220M40R Datasheet HTML 6Page - STMicroelectronics LDK220M40R Datasheet HTML 7Page - STMicroelectronics LDK220M40R Datasheet HTML 8Page - STMicroelectronics LDK220M40R Datasheet HTML 9Page - STMicroelectronics LDK220M40R Datasheet HTML 10Page - STMicroelectronics LDK220M40R Datasheet HTML 11Page - STMicroelectronics LDK220M40R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
LDK220
8/28
DocID026015 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6:
"Typical performance
characteristics")
1
22
µF
Notes:
(1) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value.
(2) The maximum current has to be limited according to the maximum power dissipation.
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT
= 1 μF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 7: LDK220 electrical characteristics for adjustable version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
2.5
13.2
V
VADJ
Adjustable voltage
TJ = 25 °C
1.185
V
Adjustable voltage
accuracy
TJ = 25 °C
-2
+2
%
40 °C < TJ < 125 °C
-3
+3
ΔVOUT
Static line
regulation
VOUT
+1 V ≤ VIN ≤ 13.2 V
IOUT=1 mA
0.001
0.05
%/V
ΔVOUT
Static load
regulation
IOUT = 1 mA to 200 mA
0.0002
0.003
%/mA
VDROP
Dropout voltage (1)
IOUT = 100 mA,
VOUT = 3.3 V
100
IOUT = 200 mA,
VOUT = 3.3 V
40 °C < TJ < 125 °C
200
350
mV
eN
Output noise
voltage
10 Hz to 100 kHz, IOUT = 10 mA
100
µVRMS/V
IADJ
Adjust pin current
1
µA
SVR
Supply voltage
rejection
VIN = VOUTNOM + 0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V
Frequency =120 Hz to1 kHz
IOUT = 10 mA
60
dB
VRIPPLE = 0.1 V
VIN = VOUTNOM+0.5 V+/-VRIPPLE
frequency = 10 kHz,
IOUT = 10 mA
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com