Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK220M-R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDK220M-R
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220M-R Datasheet(HTML) 4 Page - STMicroelectronics

  LDK220M-R Datasheet HTML 1Page - STMicroelectronics LDK220M-R Datasheet HTML 2Page - STMicroelectronics LDK220M-R Datasheet HTML 3Page - STMicroelectronics LDK220M-R Datasheet HTML 4Page - STMicroelectronics LDK220M-R Datasheet HTML 5Page - STMicroelectronics LDK220M-R Datasheet HTML 6Page - STMicroelectronics LDK220M-R Datasheet HTML 7Page - STMicroelectronics LDK220M-R Datasheet HTML 8Page - STMicroelectronics LDK220M-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin configuration
LDK220
4/28
DocID026015 Rev 4
2
Pin configuration
Figure 3: Pin connections (top view)
Table 1: Pin description (SOT23-5L, SOT323-5L)
Pin n°
Symbol
Function
1
IN
Input voltage of the LDO
2
GND
Common ground
3
EN
Enable pin logic input: low = shutdown, high = active
4
ADJ/NC
Adjustable pin on ADJ version, not connected on fixed version
5
OUT
Output voltage of the LDO
Table 2: Pin description (DFN6)
Pin n°
Symbol
Function
1
OUT
Output voltage of the LDO
2
N/C
Not connected
3
ADJ/NC
Adjustable pin on ADJ version, not connected in fixed version
4
EN
Enable pin logic input: low = shutdown, high = active
5
GND
Common ground
6
IN
Input voltage of the LDO
Table 3: Pin description (SOT-89)
Pin n° (1)
Symbol
Function
1
OUT
Output voltage of the LDO
2
GND
Common ground
3
IN
Input voltage of the LDO
Notes:
(1) Adjustable version and enable pin are not available on the SOT-89 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com