Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN025J32R Datasheet(PDF) 16 Page - STMicroelectronics

Part # LDLN025J32R
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025J32R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LDLN025J32R Datasheet HTML 12Page - STMicroelectronics LDLN025J32R Datasheet HTML 13Page - STMicroelectronics LDLN025J32R Datasheet HTML 14Page - STMicroelectronics LDLN025J32R Datasheet HTML 15Page - STMicroelectronics LDLN025J32R Datasheet HTML 16Page - STMicroelectronics LDLN025J32R Datasheet HTML 17Page - STMicroelectronics LDLN025J32R Datasheet HTML 18Page - STMicroelectronics LDLN025J32R Datasheet HTML 19Page - STMicroelectronics LDLN025J32R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Package information
LDLN025
16/22
DocID029566 Rev 4
Table 6: Flip-Chip4 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.375
0.410
0.445
A1
0.145
0.160
0.175
A2
0.230
0.250
0.270
b
0.189
0.210
0.231
D
0.598
0.628
0.658
D1
0.350
E
0.598
0.628
0.658
E1
0.350
SD
0.175
SE
0.175
f
0.139
ccc
0.075
Figure 29: Flip-Chip4 recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com