Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112DR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDL112DR
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112DR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDL112DR Datasheet HTML 3Page - STMicroelectronics LDL112DR Datasheet HTML 4Page - STMicroelectronics LDL112DR Datasheet HTML 5Page - STMicroelectronics LDL112DR Datasheet HTML 6Page - STMicroelectronics LDL112DR Datasheet HTML 7Page - STMicroelectronics LDL112DR Datasheet HTML 8Page - STMicroelectronics LDL112DR Datasheet HTML 9Page - STMicroelectronics LDL112DR Datasheet HTML 10Page - STMicroelectronics LDL112DR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LDL112
Electrical characteristics
DocID026319 Rev 2
7/32
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 0.5 V (for VOUT(NOM)
≤ 1 V, VIN = 2.1 V), CIN = COUT = 1 µF,
IOUT = 5 mA, VEN = VIN, unless otherwise specified.
Table 4: LDL112 electrical characteristics (fixed version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
1.6
5.5
V
VOUT
VOUT accuracy
IOUT = 5 mA, TJ = 25 °C
-2.0
2.0
%
IOUT = 5 mA, -40 °C < TJ < 125 °C
-3.0
3.0
%
ΔVOUT
Static line
regulation (1)
VOUT(NOM) + 0.5 V < VIN
≤ 5.5 V (2)
0.05
0.1
%/V
ΔVOUT
Static load
regulation
IOUT = 0 mA to 1.2 A, VIN > 2.1 V
15
30
mV
VDROP
Dropout voltage (3)
IOUT = 1 A, VOUT = 3.3 V
300
mV
IOUT = 1.2 A,VOUT = 3.3 V
40 °C < TJ < 125 °C
350
600
eN
Output noise
voltage
10 Hz to 100 kHz, IOUT = 10 mA
135
µVRMS
SVR
Supply voltage
rejection
VIN = VOUT(NOM) + 0.5 V (2) +/- VRIPPLE
VRIPPLE = 0.2 V
frequency = 1 kHz, IOUT = 10 mA
57
dB
IQ
Quiescent current
IOUT = 0 mA,-40 °C < TJ <125 °C
35
70
µA
IOUT = 1.2 A, VOUT(NOM) + 1 V (2)
40 °C < TJ < 125 °C
250
400
VIN input current in off mode:
VEN = GND
0.1
1
ISC
Short-circuit current
RL = 0, VIN > 2.1 V
1.4
2
A
VEN
Enable input
logic low
VIN = VOUT(NOM) + 0.5 V (2) to 5.5 V,
-40 °C < TJ < 125 °C
0.35
V
Enable input logic
high
VIN = VOUT(NOM) + 0.5 V (2) to 5.5 V
-40 °C < TJ < 125 °C
1.4
IEN
Enable pin input
current
VEN = VIN
100
nA
TSHDN
Thermal shutdown
165
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 7:
"Typical performance
characteristics")
1
10
µF
Notes:
(1)Not applicable for Vout(nom) > 4.5 V.
(2)For VOUTNOM lower than or equal to 1 V, VIN = 2.1 V.
(3)Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com