Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-325-SY4 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # FC-325-SY4
Description  Compact, Hermetically Sealed, Non-Latching Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-325-SY4 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  FC-325-SY4 Datasheet HTML 1Page - TE Connectivity Ltd FC-325-SY4 Datasheet HTML 2Page - TE Connectivity Ltd FC-325-SY4 Datasheet HTML 3Page - TE Connectivity Ltd FC-325-SY4 Datasheet HTML 4Page - TE Connectivity Ltd FC-325-SY4 Datasheet HTML 5Page - TE Connectivity Ltd FC-325-SY4 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE 4
AEROSPACE, DEFENSE & MARINE /// FC-325 SERIES RELAYS
CII FC-325 Series Relays
Coil Characteristics
Contact Characteristics
Part Numbers
AC Coil
DC Coil
Nominal Operating Voltage
115 Vac
28 Vdc
Maximum Operating Voltage
122 Vac
32 Vdc
Maximum Pick-Up Voltage at +125° C
95 Vac
18 Vdc
Maximum Pick-Up Voltage at +125° C
(Continuous Current test)
108 Vac
22.5 Vdc
Drop-Out Voltage at +125° C (Amps Max)
5.0 Vac
1.5 Vdc
Coil Current at +25° C
.06 A @ 50/60 Hz
0.55 A @ 400 Hz
—
DC Coil Resistance (±10%)
—
160 m
Ω
Back EMF Suppresses to (Vdc)
(Suppressed Versions)
—
42 Vdc
Load Type
Life Cycles
Current Rating (A)
28
Vdc
115 Vac, 1 Phase Power
115/200 Vac, 3 Phase Power
400 Hz
50/60 Hz
400 Hz
50/60 Hz
Resistive
50,000
25
25
25
25
25
Inductive
10,000
15
25
25
25
25
Motor
50,000
20
20
12
20
12
Lamp
50,000
10
10
10
10
10
Mechanical Life,
Reduced Current
200,000
6.3
6.3
6.3
6.3
6.3
Coil
Terminal
Mounting
Mil Spec
Comml Part No.
Part No.
28 Vdc
Solder Hook
Stud
MS27418-1B
FC-325-CW3
FC-325-2
Screw
Bracket
MS27418-2B
FC-325-SY3
FC-325-5
28 Vdc
(Suppressed)
Solder Hook
Stud
MS27418-1D
FC-325-CW4
FC-325-7
Screw
Bracket
MS27418-2D
FC-325-SY4
FC-325-8
115 Vac,
50/60 Hz
Solder Hook
Stud
MS27418-1C
FC-325-CW9
FC-325-3
Screw
Bracket
MS27418-2C
FC-325-SY9
FC-325-6
115 Vac,
400 Hz
Solder Hook
Stud
MS27418-1A
FC-325-CW8
FC-325-1
Screw
Bracket
MS27418-2A
FC-325-SY8
FC-325-4
DC Nonsuppressed and AC Coils
DC Suppressed Coils
Circuit Diagram
Custom configurations are available. Consult TE.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com