Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2794 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2794
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2794 Datasheet HTML 8Page - National Semiconductor (TI) LM2794 Datasheet HTML 9Page - National Semiconductor (TI) LM2794 Datasheet HTML 10Page - National Semiconductor (TI) LM2794 Datasheet HTML 11Page - National Semiconductor (TI) LM2794 Datasheet HTML 12Page - National Semiconductor (TI) LM2794 Datasheet HTML 13Page - National Semiconductor (TI) LM2794 Datasheet HTML 14Page - National Semiconductor (TI) LM2794 Datasheet HTML 15Page - National Semiconductor (TI) LM2794 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
OUTPUT CURRENT CAPABILITY
The primary constraint on the total current capability is the
headroom voltage requirement of the internal current
sources. Combining the V
POUT and VHR equations from the
previous two sections yields the basic inequality for deter-
mining the validity of an LM2794/5 LED-drive application:
V
POUT =1.5xVIN −ITOTAL xROUT
V
HR-MIN =kHR xIDX
V
POUT −VDX
≥ V
HR-MIN
1.5xV
IN −ITOTAL xROUT −VDX
≥ (k
HR xIDX)
Rearranging this inequality shows the estimated total output
current capability of an application:
I
TOTAL
≤ [(1.5 x V
IN-MIN)−VDX-MAX −(kHR xIDX)]÷ROUT
Examining the equation above, the primary limiting factors
on total output current capability are input and LED forward
voltage. A low input voltage combined with a high LED
voltage may result in insufficient headroom voltage across
the current sources, causing them to fall out of regulation.
When the current sources are not regulated, LED currents
will be below desired levels and brightness matching will be
highly dependent on LED forward voltage matching.
Typical LM2794/5 output resistance is 3.0
Ω. For worst-case
design calculations, using an output resistance of 3.5
Ω is
recommended. LM2794/5 has a typical k
HR
constant of
20mV/mA. For worst-case design calculations, use k
HR =
25mV/mA. (Worst-case recommendations account for pa-
rameter shifts from part-to-part variation and apply over the
full operating temperature range). R
OUT and kHR increase
slightly with temperature, but losses are typically offset by
the negative temperature coefficient properties of LED for-
ward voltages. Power dissipation and internal self-heating
may also limit output current capability but is discussed in a
later section.
PARALLEL Dx OUTPUTS FOR INCREASED CURRENT
DRIVE
Outputs D
1 through D4 may be connected together in any
combination to drive higher currents through fewer LEDs.
For example in Figure 4, outputs D
1 and D2 are connected
together to drive one LED while D
3 and D4 are connected
together to drive a second LED.
With this configuration, two parallel current sources of equal
value provide current to each LED. R
SET and VBRGT should
therefore be chosen so that the current through each output
is programmed to 50% of the desired current through the
parallel connected LEDs. For example, if 30mA is the de-
sired drive current for 2 parallel connected LEDs , R
SET and
V
BRGT should be selected so that the current through each of
the outputs is 15mA. Other combinations of parallel outputs
may be implemented in similar fashions, such as in Figure 5.
Connecting outputs in parallel does not affect internal opera-
tion of the LM2794/95 and has no impact on the Electrical
Characteristics and limits previously presented. The avail-
able diode output current, maximum diode voltage, and all
other specifications provided in the Electrical Characteristics
table apply to parallel output configurations, just as they do
to the standard 4-LED application circuit.
THERMAL PROTECTION
When the junction temperature exceeds 150˚C (typ.), the
LM2794/5 internal thermal protection circuitry disables the
part. This feature protects the device from damage due to
excessive power dissipation. The device will recover and
operate normally when the junction temperature falls below
140˚C (typ.). It is important to have good thermal conduction
with a proper layout to reduce thermal resistance.
POWER EFFICIENCY
Figure 6 shows the efficiency of the LM2794/5. The change
in efficiency shown by the graph comes from the transition
from Pass Mode to a gain of 1.5.
Efficiency (E) of the LM2794/5 is defined here as the ratio of
the power consumed by LEDs (P
LED) to the power drawn
from the input source (P
IN). In the equations below, IQ is the
quiescent current of the LM2794/5, I
LED is the current flowing
through one LED, V
LED is the forward voltage at that LED
current, and N is the number of LEDs connected to the
regulated current outputs. In the input power calculation, the
1.5 represents the switched capacitor gain configuration of
the LM2794/5.
P
LED =NxVLED xILED
P
IN =VIN xIIN
P
IN =VIN x(1.5xNxILED +IQ)
20028533
FIGURE 4. Two Parallel Connected LEDs
20028534
FIGURE 5. One Parallel Connected LED
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com