Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L011E3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L011E3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011E3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L011E3 Datasheet HTML 6Page - STMicroelectronics STM32L011E3 Datasheet HTML 7Page - STMicroelectronics STM32L011E3 Datasheet HTML 8Page - STMicroelectronics STM32L011E3 Datasheet HTML 9Page - STMicroelectronics STM32L011E3 Datasheet HTML 10Page - STMicroelectronics STM32L011E3 Datasheet HTML 11Page - STMicroelectronics STM32L011E3 Datasheet HTML 12Page - STMicroelectronics STM32L011E3 Datasheet HTML 13Page - STMicroelectronics STM32L011E3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
DocID027973 Rev 4
10/115
STM32L011x3/4
Description
32
2
Description
The access line ultra-low-power STM32L011x3/4 family incorporates the high-performance
ARM® Cortex®-M0+ 32-bit RISC core operating at a 32 MHz frequency, high-speed
embedded memories (up to 16 Kbytes of Flash program memory, 512 bytes of data
EEPROM and 2 Kbytes of RAM) plus an extensive range of enhanced I/Os and peripherals.
The STM32L011x3/4 devices provide high power efficiency for a wide range of
performance. It is achieved with a large choice of internal and external clock sources, an
internal voltage adaptation and several low-power modes.
The STM32L011x3/4 devices offer several analog features, one 12-bit ADC with hardware
oversampling, two ultra-low-power comparators, several timers, one low-power timer
(LPTIM), three general-purpose 16-bit timers, one RTC and one SysTick which can be used
as timebases. They also feature two watchdogs, one watchdog with independent clock and
window capability and one window watchdog based on bus clock.
Moreover, the STM32L011x3/4 devices embed standard and advanced communication
interfaces: one I2C, one SPI, one USART, and a low-power UART (LPUART).
The STM32L011x3/4 also include a real-time clock and a set of backup registers that remain
powered in Standby mode.
The ultra-low-power STM32L011x3/4 devices operate from a 1.8 to 3.6 V power supply
(down to 1.65 V at power down) with BOR and from a 1.65 to 3.6 V power supply without
BOR option. They are available in the -40 to +125 °C temperature range. A comprehensive
set of power-saving modes allows the design of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com