Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L011F4 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32L011F4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011F4 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32L011F4 Datasheet HTML 53Page - STMicroelectronics STM32L011F4 Datasheet HTML 54Page - STMicroelectronics STM32L011F4 Datasheet HTML 55Page - STMicroelectronics STM32L011F4 Datasheet HTML 56Page - STMicroelectronics STM32L011F4 Datasheet HTML 57Page - STMicroelectronics STM32L011F4 Datasheet HTML 58Page - STMicroelectronics STM32L011F4 Datasheet HTML 59Page - STMicroelectronics STM32L011F4 Datasheet HTML 60Page - STMicroelectronics STM32L011F4 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
Electrical characteristics
STM32L011x3/4
57/115
DocID027973 Rev 4
Table 27. Current consumption in Low-power Run mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Run)
Supply
current in
Low-power
run mode
All
peripherals
OFF, code
executed
from RAM,
Flash
switched
OFF, VDD
from 1.65 V
to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
5.7
8.1
µA
TA = 85 °C
6.5
9
TA = 105 °C
8
13
TA = 125 °C
11.5
22
MSI clock, 65 kHz
fHCLK = 65 kHz
TA =-40 °C to 25 °C
8.7
11
TA = 85 °C
9.5
12
TA = 105 °C
11
15
TA = 125 °C
15
24
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
17
19
TA = 55 °C
17
19.5
TA = 85 °C
17.5
20
TA = 105 °C
19
22
TA = 125 °C
22.5
31
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.65 V to
3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
18
22
TA = 85 °C
20
24
TA = 105 °C
22
27
TA = 125 °C
26.5
37
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
22
25
TA = 85 °C
24
27
TA = 105 °C
26
30
TA = 125 °C
30.5
39
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
32
34
TA = 55 °C
32.5
35
TA = 85 °C
34
37
TA = 105 °C
36
39
TA = 125 °C
40
47
1. Guaranteed by characterization results at 125 °C, not tested in production, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com