Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L041C4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L041C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L041C4 Datasheet HTML 7Page - STMicroelectronics STM32L041C4 Datasheet HTML 8Page - STMicroelectronics STM32L041C4 Datasheet HTML 9Page - STMicroelectronics STM32L041C4 Datasheet HTML 10Page - STMicroelectronics STM32L041C4 Datasheet HTML 11Page - STMicroelectronics STM32L041C4 Datasheet HTML 12Page - STMicroelectronics STM32L041C4 Datasheet HTML 13Page - STMicroelectronics STM32L041C4 Datasheet HTML 14Page - STMicroelectronics STM32L041C4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
2.1
Device overview
Table 2. Ultra-low-power STM32L041x4/x6 device features and peripheral counts
Peripheral
STM32
L041F4
STM32
L041G4
STM32
L041K4
STM32
L041C4
STM32
L041F6
STM32
L041E6
STM32
L041G6
STM32
L041K6
STM32
L041C6
Flash (Kbytes)
16
32
Data EEPROM (Kbytes)
1
RAM (Kbytes)
8
Timers
General-
purpose
3
LPTIMER
1
RTC/SYSTICK/IWDG/
WWDG
1/1/1/1
Communication
interfaces
SPI
2(1)(1)
I2C
1
USART
1
LPUART
1
GPIOs
15
21(23)(2)
27(3)
38
15
20
21(23)(2)
27(3)
38
Clocks: HSE(4)/LSE/HSI/MSI/LSI
1/1/1/1/1
12-bit synchronized ADC
Number of channels
1
10
Comparators
2
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com