Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L041C6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32L041C6
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32L041C6 Datasheet HTML 34Page - STMicroelectronics STM32L041C6 Datasheet HTML 35Page - STMicroelectronics STM32L041C6 Datasheet HTML 36Page - STMicroelectronics STM32L041C6 Datasheet HTML 37Page - STMicroelectronics STM32L041C6 Datasheet HTML 38Page - STMicroelectronics STM32L041C6 Datasheet HTML 39Page - STMicroelectronics STM32L041C6 Datasheet HTML 40Page - STMicroelectronics STM32L041C6 Datasheet HTML 41Page - STMicroelectronics STM32L041C6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 119 page
background image
Pin descriptions
STM32L041x4/6
38/119
DocID027301 Rev 4
Table 15. Pin definitions
Pin number
Pin name
(function
after reset)
Pin
type
Note
Alternate
functions
Additional functions
--
-
-
-
-
2
PC13-
ANTI_TAMP
I/O
FT
-
-
TAMP1/WKUP2
2B5
2
2
2
2
3
PC14-
OSC32_IN
I/O
TC
-
-
OSC32_IN
3C5
3
3
3
3
4
PC15-
OSC32_OUT
I/O
TC
-
-
OSC32_OUT
--
-
-
-
-
5
PH0-OSC_IN
I/O
TC
-
-
-
--
-
-
-
-
6
PH1-
OSC_OUT
I/O
TC
-
-
-
4
D5
4
4
4
4
7
NRST
I/O
-
-
-
-
--
-
-
-
-
1
PC0
I/O
FT
-
LPTIM1_IN1,
EVENTOUT,
LPUART1_RX
-
-
E1
-
-
-
"0"
8
VSSA
S
-
-
-
-
5C4
5
5
5
5
9
VDDA
S
-
-
-
-
6
E5
6
6
6
6
-
PA0-CK_IN
I/O
TC
-
LPTIM1_IN1,
TIM2_CH1,
USART2_CTS,
TIM2_ETR,
COMP1_OUT
COMP1_INM6,
ADC_IN0,
RTC_TAMP2/WKUP1
--
-
-
-
-
10
PA0
I/O
TC
-
LPTIM1_IN1,
TIM2_CH1,
USART2_CTS,
TIM2_ETR,
COMP1_OUT
COMP1_INM6,
ADC_IN0,
RTC_TAMP2/WKUP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com