Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH31AC06S Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH31AC06S
Description  Turbo 2 ultrasoft high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH31AC06S Datasheet(HTML) 3 Page - STMicroelectronics

  STTH31AC06S Datasheet HTML 1Page - STMicroelectronics STTH31AC06S Datasheet HTML 2Page - STMicroelectronics STTH31AC06S Datasheet HTML 3Page - STMicroelectronics STTH31AC06S Datasheet HTML 4Page - STMicroelectronics STTH31AC06S Datasheet HTML 5Page - STMicroelectronics STTH31AC06S Datasheet HTML 6Page - STMicroelectronics STTH31AC06S Datasheet HTML 7Page - STMicroelectronics STTH31AC06S Datasheet HTML 8Page - STMicroelectronics STTH31AC06S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID026969 Rev 2
3/10
STTH31AC06S
Characteristics
10
Table 5. Recovery characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR= 30A,
dIF/dt = -100 A/µs
45
65
ns
IRM
Reverse recovery current
Tj = 150 °C
IF = 30 A, VR = 400 V,
dIF/dt = -1000 A/µs
36
A
QRR
Reverse recovery
charges
2.5
µC
Sfactor
Softness factor
2.2
tfr
Forward recovery time
Tj = 25 °C
IF = 30 A, VFR = 2.5 V,
dIF/dt = 500 A/µs
150
ns
VFP
Forward recovery
voltage
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com