Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01T3 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R01T3
Description  8-Bit OTP MCU with RF Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01T3 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R01T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
General Description
These devices provide a combination of a fully featured MCU plus an RF transmitter function, giving
them great flexibility for use in wide range of wireless I/O control applications such as industrial
control, consumer products, subsystem controllers, etc.
Analog features include a multi-channel 12-bit A/D converter. Multiple and extremely flexible
Timer/Event Counters provide full timing functions. Protective features such as an internal Watchdog
Timer and Low Voltage Reset coupled with excellent noise immunity and ESD protection ensure that
reliable operation is maintained in hostile electrical environments. An extensive choice of oscillator
functions are provided including a fully integrated system oscillator which requires no external
components for its implementation. The ability to operate and switch dynamically between a range of
operating modes using different clock sources gives users the ability to optimise microcontroller
operation and minimise power consumption. The devices also include flexible I/O programming
features Time-Base functions and a range of other features.
The RF transmitter is a high performance and easy to use transmitter operating in the 300MHz to
450MHz frequency band. One only needs to add a crystal reference frequency, and a limited number of
external components to create a complete and versatile RF transmitter system. The device is capable of
delivering more than +9dBm into a 50
W load. Such a power level enables a small form factor
transmitter to operate near the maximum limit of the transmission regulations. The device can operate
with ASK - Amplitude Shift Keying, and OOK - On-Off Keying, UHF receiver types from wide-band
super-regenerative radios to narrow-band, high performance super-heterodyne receivers. The data rate
is higher than 10kbps, allowing the device to support more complicated control protocols.
For enhanced power saving, the device includes a data tracking function. The data tracking function
enables the PLL to be activated as long as high transient data input trigger signals are received. The
PLL will also be automatically switched off if there are no data input transients for a time exceeding
approximately 300ms. As there is a reference clock input on line PB0, the MCU can use its internal RC
clock rather than using an additional crystal for the system clock. These features add up to ensure that
the devices can offer excellent capabilities in terms of functionality and power-saving as well as being
highly cost effective in a huge range of remote wireless applications
Selection Guide
Part No.
Program
Memory
Data
Memory
I/O
8-bit
Timer
Time
Base
RF
Transmitter
A/D
PWM
Stack
Package
HT48R01T3
1K
´15
96
´8
92
1
Ö¾
¾
6
16NSOP
HT46R01T3
1K
´15
96
´8
92
1
Ö
12-bit
´4 8-bit´1
6
16NSOP
Rev. 1.30
2
November 23, 2010
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com