Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL212PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDL212PUR
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PUR Datasheet(HTML) 1 Page - STMicroelectronics

  LDL212PUR Datasheet HTML 1Page - STMicroelectronics LDL212PUR Datasheet HTML 2Page - STMicroelectronics LDL212PUR Datasheet HTML 3Page - STMicroelectronics LDL212PUR Datasheet HTML 4Page - STMicroelectronics LDL212PUR Datasheet HTML 5Page - STMicroelectronics LDL212PUR Datasheet HTML 6Page - STMicroelectronics LDL212PUR Datasheet HTML 7Page - STMicroelectronics LDL212PUR Datasheet HTML 8Page - STMicroelectronics LDL212PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
September 2016
DocID028297 Rev 2
1/28
This is information on a product in full production.
www.st.com
LDL212
High PSRR, low drop linear regulator IC
Datasheet - production data
Features
Input voltage from 2.5 V to 18 V
20 V AMR
Any fixed output voltages, from 1.2 V to 12 V
in 100 mV steps (from 1.2 V to 6.6 V in
50 mV steps) available on request
Adjustable version from 1.18 V to
VIN-VDROP(MAX)
Guaranteed output current 1.2 A
Typical dropout 350 mV@1.2 A
Undervoltage lockout
Enable function
Internal thermal, current and power limitation
High PSRR: 87 dB @ 120 Hz, 75 dB @
1 kHz
Operating temperature range: -40 °C to
125 °C
Packages SO-8 batwing plastic
micropackage, DFN6 (3x3) and DFN6 (2x2)
Applications
Consumer
Industrial
SMPS
Point-of-load
DC-DC post-regulation
Description
The LDL212 provides 1.2 A of maximum current
from an input voltage range from 2.5 V to 18 V,
with a typical dropout voltage of 350 mV @ 1.2 A.
The high power supply rejection ratio of 87 dB at
120 Hz, and more than 40 dB at 100 kHz, makes
the LDL212 suitable for direct regulation in SMPS
and secondary linear regulation in DC-DC
converters. The LDL212 goes to shutdown mode
due to the enable logic control function, reducing
the total current consumption. The device also
includes the current limit, SOA and thermal
protections.


Similar Part No. - LDL212PUR

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL25DU CINCON-LDL25DU Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
More results

Similar Description - LDL212PUR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
600mA High PSRR Low Dropout Linear Regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
Monolithic Power System...
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
Low-Noise, High-PSRR, 250mA Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com