Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL212PVR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDL212PVR
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PVR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDL212PVR Datasheet HTML 3Page - STMicroelectronics LDL212PVR Datasheet HTML 4Page - STMicroelectronics LDL212PVR Datasheet HTML 5Page - STMicroelectronics LDL212PVR Datasheet HTML 6Page - STMicroelectronics LDL212PVR Datasheet HTML 7Page - STMicroelectronics LDL212PVR Datasheet HTML 8Page - STMicroelectronics LDL212PVR Datasheet HTML 9Page - STMicroelectronics LDL212PVR Datasheet HTML 10Page - STMicroelectronics LDL212PVR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LDL212
Electrical characteristics
DocID028297 Rev 2
7/28
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN
= 1 μF, COUT = 4.7 μF, IOUT = 10 mA, VEN = VIN, unless
otherwise specified. a
Table 4: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating
input voltage
2.5
18
V
VUVLO
Turn-on
threshold
2.3
2.4
V
Hysteresis
200
mV
VOUT
VOUT accuracy
IOUT = 10 mA
-2
2
%
TJ = 25 °C
IOUT = 10 mA
-3
3
%
-40 °C < TJ < 125 °C
VADJ
Adjustable pin
voltage
VIN = 2.5 V IOUT = 10 mA
TJ = 25 °C
1.18
V
-2
+2
%
VIN = 2.5 V IOUT = 10 mA
-40 °C < TJ < 125 °C
-3
+3
%
IADJ
Adjustable pin
current
VIN = 2.5 V IOUT = 10 mA
20
nA
ΔVOUT
Line regulation
VOUT
+ 1 V ≤ VIN ≤ 18 V
IOUT = 10 mA
0.002
0.01
%/V
ΔVOUT
Load
regulation
IOUT = 10 mA to 1.2 A
0.0001
0.0005
%/mA
VDROP
Dropout
voltage (1)
IOUT = 1.2 A VOUT > 3 V
-40 °C < TJ < 125 °C
350
600
mV
eN
Output noise
voltage
10 Hz to 100 kHz,
IOUT = 100 mA
60
µVRMS/VOUT
SVR
Supply voltage
rejection
VIN = VOUT(NOM) + 1 V ± VRIPPLE
87
dB
VRIPPLE = 0.5 V,
f = 120 Hz
VIN = VOUT(NOM) + 1 V ± VRIPPLE
75
VRIPPLE = 0.5 V, f = 1 kHz
VIN = VOUT(NOM) + 1 V ± VRIPPLE
50
VRIPPLE = 0.5 V, f = 100 kHz
IQ
Quiescent
current
IOUT = 0 mA to 1.2 A
-40 °C < TJ < 125 °C
250
380
µA
VIN input current in OFF mode
0.3
1.5
a For VOUT(NOM) ≤ 1.5 V, VIN = 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com