Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL212DR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDL212DR
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212DR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDL212DR Datasheet HTML 4Page - STMicroelectronics LDL212DR Datasheet HTML 5Page - STMicroelectronics LDL212DR Datasheet HTML 6Page - STMicroelectronics LDL212DR Datasheet HTML 7Page - STMicroelectronics LDL212DR Datasheet HTML 8Page - STMicroelectronics LDL212DR Datasheet HTML 9Page - STMicroelectronics LDL212DR Datasheet HTML 10Page - STMicroelectronics LDL212DR Datasheet HTML 11Page - STMicroelectronics LDL212DR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
LDL212
8/28
DocID028297 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VEN = GND VIN = 18 V
ISC
Short-circuit
current
RL = 0
1.5
2
A
VEN
Enable input
logic low
VIN = 2.5 V to 18 V
-40 °C < TJ < 85 °C
0.4
V
Enable input
logic high
VIN = 2.5 V to 18 V
-40 °C < TJ < 85 °C
1.2
IEN
Enable input
current
1.5
µA
VEN = VIN , VIN = 18 V
16
20
TON
Turn-on
time (2)
120
µs
TSHDN
Thermal
shutdown
175
°C
Hysteresis
25
Notes:
(1) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value. This specification is not valid for output voltages below 2.2 V.
(2) Turn-on time is the time measured between the enable input just exceeding VEN high value and the output
voltage just reaching 95% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com