Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCD105 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VCD105
Description  Thyristor/Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VCD105 Datasheet(HTML) 2 Page - IXYS Corporation

  VCD105 Datasheet HTML 1Page - IXYS Corporation VCD105 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2001 IXYS All rights reserved
2 - 2
VCD 105
Dimensions in mm (1 mm = 0.0394")
Component
Symbol
Conditions
Characteristic Values
min.
typ.
max.
I
D, IR
T
VJ = 125°C; VR = VRRM; VD = VDRM
5mA
V
T
I
T = 300 A; TVJ = 25°C
1.5
V
V
TO
For power-loss calculations only
0.8
V
r
T
2.4
m
Ω
V
GT
V
D = 6 V;
T
VJ =
25°C
1.5
V
T
VJ = -40°C
1.6
V
I
GT
V
D = 6 V;
T
VJ =
25°C
150
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = 125°C;
V
D =
2/
3VDRM
0.2
V
I
GD
T
VJ = 125°C;
V
D =
2/
3VDRM
10
mA
I
L
T
VJ = 25°C; tP = 10 ms
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
200
mA
t
gd
T
VJ = 25°C; VD = ½ VDRM
2
µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
R
thJC
per Thyristor; DC
0.26 K/W
per module
0.13 K/W
R
thCH
per Thyristor; DC
0,2
K/W
per module
0,1
K/W
d
S
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
5.0
mm
a
Max. allowable acceleration
50 m/s2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com