Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1040CTD Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF1040CTD
Description  10 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF1040CTD Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  MBRF1040CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF1040CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF1040CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR
F1040CTD~MBRF10200CTD
RATING AND CHARACTERISTIC CURVES
100
10
50-60V
80-100V
150-200V
1.0
TA=25
O C
0.1
0.4
0.6
0.8
1.0
FORWARD VOLTAGE, VOLTS
1.2
Fig.2- TYPICAL
10
200
1.0
0.1
0.01
0.001
TJ=100
OC
TJ=75
O C
TJ=25
O C
0
20
40
60
80
100 120
140
175
150
125
100
75
50
25
0
8.3ms Single Half Since-Wave
JEDEC Method
1
2
5
10
20
50
100
NO. OF CYCLE AT 60Hz
Fig.2 - TYPICAL INSTANTANEOUS FORWAR
CHARACTERISTIC
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.3 - TYPICAL REVERSE CHARACTERISTICS
Fig.4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
50-60V
80-100V
150-200V
PAGE . 2
Fig.1 - FORWARD CURRENT DERATING CURVE
40~60V
80~200V
40-45V
DEC,2014-REV.01
www.
dyelec.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com