Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7345S Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7345S
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345S Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7345S Datasheet HTML 17Page - PMC-Sierra, Inc PM7345S Datasheet HTML 18Page - PMC-Sierra, Inc PM7345S Datasheet HTML 19Page - PMC-Sierra, Inc PM7345S Datasheet HTML 20Page - PMC-Sierra, Inc PM7345S Datasheet HTML 21Page - PMC-Sierra, Inc PM7345S Datasheet HTML 22Page - PMC-Sierra, Inc PM7345S Datasheet HTML 23Page - PMC-Sierra, Inc PM7345S Datasheet HTML 24Page - PMC-Sierra, Inc PM7345S Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
7
Figure 1
- DS3 and E3 User Network Interface
Optional
DS3/E3/PLCP
Overhead
Processor
( eg. tester
application)
PM7345
S/UNI-PDH
SATURN
User-Network
Interface for
PDH
ATM/SMDS
Adaptation
Layer
Processor
(eg. SAR or
policing
functions)
SSI
78P7200
E3/DS3
LIU
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
RPOS/RDAT
RNEG/ROHM
RCLK
TPOS/TDAT
TNEG/TOHM
TCLK
TICLK
TIOHM
C13/CADD
TCELL
RCELL
A[7:0]
D[7:0]
ALE
RDB
WRB
CSB
RSTB
RRDENB
FRDB/RFCLK
RSOC
REOH
REOC
FRDATA[7:0]
RFIFOE/RCA
TWRENB
FWRB/TFCLK
TSOC
FWDATA[7:0]
TFIFOFB/TCA
TPOHCLK
TPOHFP
TPOHINS
TPOH
RPOHCLK
RPOHFP
RPOH
TOHCLK
TOHFP
TOHINS
TOH
ROHCLK
ROHFP
ROH
INTB
AD[15:0]
ALE
RDB
WRB
RESB
INT
From Master
reset circuitry
From chip select
decode circuitry
+5V
OSC
44.736 MHz
LINE
IN
INTERFACE
LINE
OUT
INTERFACE
AD[15:0]
ALE
RDB
WRB
RESB
INT
From Master
reset circuitry
From chip select
decode circuitry
OSC
44.736 MHz
or
34.368 MHz
RX
CELL
INTERFACE
TX
CELL
INTERFACE
Intel/
Motorola
Single Chip
µP
Layout information for the SSI 78P7200 E3/DS3 LIU is found in the OPERATION
section of this document. Please refer to it as an example of the E3 and DS3
configuration used by PMC-Sierra.1
1 Please contact Silicon Systems at (714) 573-6200 for detailed application information concerning the
78P7200 E3/DS3 LIU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com