Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7345 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc PM7345 Datasheet HTML 52Page - PMC-Sierra, Inc PM7345 Datasheet HTML 53Page - PMC-Sierra, Inc PM7345 Datasheet HTML 54Page - PMC-Sierra, Inc PM7345 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
C13/CADD
8KREF
Input
29
36
Transmit Stuff Control (C13/CADD). C13/CADD
controls stuffing when configured for DS3 or G.751
E3 PLCP frame formats and when the 8KREF bit in
the S/UNI-PDH Control Register is set to logic 0.
When DS3 PLCP format is enabled, C13/CADD
determines whether to use a 13 or 14 nibble trailer
at the next stuff opportunity. When logic 0, a 14
nibble trailer is used. When logic 1, a 13 nibble
trailer is used.
When G.751 E3 PLCP format is enabled,
C13/CADD determines whether to add or subtract
one octet from the internally generated octet stuff
pattern at the next stuff opportunity. When logic 0,
one octet is subtracted from the next 18, 19, or 20
octet trailer. When logic 1, one octet is added to the
next 18, 19, or 20 octet trailer.
C13/CADD is internally synchronized and thus can
be asynchronous.
8 kHz Reference Input (8KREF). The PLCP frame
rate can be locked to an external 8 kHz reference
applied on this input when the 8KREF bit in the
S/UNI-PDH Control Register is set to logic 1. An
internal phase-frequency detector compares the
transmit PLCP frame rate with the externally applied
8 kHz reference and adjusts the PLCP frame rate
by taking control over the internal C13/CADD signal.
The 8KREF input must transition high once every
125
µs for correct operation. The 8KREF input is
treated as an asynchronous signal and must be
“glitch-free”. The minimum high or low period of the
8KREF pin is 20 ns. Only the rising edge is used.
SYFIFOB
Input
40
n/a
Synchronous FIFO Enable (SYFIFOB). This
active low signal selects between the synchronous
and asynchronous FIFO interfaces on the system
side. This signal is available only in the 100-pin
PQFP package and must be tied to VSS to enable
the synchronous FIFO interface. SYFIFOB is not
available in the 84-pin PLCC package and is pulled
to logic 1 internally by an integral pull-up resistor,
thus selecting the asynchronous FIFO interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com